Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK22DX128VMC5 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MK22DX128VMC5
Description  K22 Sub-Family Data Sheet
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK22DX128VMC5 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MK22DX128VMC5 Datasheet HTML 1Page - Freescale Semiconductor, Inc MK22DX128VMC5 Datasheet HTML 2Page - Freescale Semiconductor, Inc MK22DX128VMC5 Datasheet HTML 3Page - Freescale Semiconductor, Inc MK22DX128VMC5 Datasheet HTML 4Page - Freescale Semiconductor, Inc MK22DX128VMC5 Datasheet HTML 5Page - Freescale Semiconductor, Inc MK22DX128VMC5 Datasheet HTML 6Page - Freescale Semiconductor, Inc MK22DX128VMC5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MK22DX128VMC5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MK22DX128VMC5 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
3.1.1 Example
This is an example of an operating requirement, which you must meet for the
accompanying operating behaviors to be guaranteed:
Symbol
Description
Min.
Max.
Unit
VDD
1.0 V core supply
voltage
0.9
1.1
V
3.2 Definition: Operating behavior
An operating behavior is a specified value or range of values for a technical
characteristic that are guaranteed during operation if you meet the operating requirements
and any other specified conditions.
3.2.1 Example
This is an example of an operating behavior, which is guaranteed if you meet the
accompanying operating requirements:
Symbol
Description
Min.
Max.
Unit
IWP
Digital I/O weak pullup/
pulldown current
10
130
µA
3.3 Definition: Attribute
An attribute is a specified value or range of values for a technical characteristic that are
guaranteed, regardless of whether you meet the operating requirements.
3.3.1 Example
This is an example of an attribute:
Symbol
Description
Min.
Max.
Unit
CIN_D
Input capacitance:
digital pins
7
pF
Terminology and guidelines
K22 Sub-Family Data Sheet Data Sheet, Rev. 3, 08/2012.
Freescale Semiconductor, Inc.
5


Similar Part No. - MK22DX128VMC5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK22DX128VMC5 NXP-MK22DX128VMC5 Datasheet
2Mb / 62P
   K22 Sub-Family
Rev. 4, 08/2013
More results

Similar Description - MK22DX128VMC5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K22P64M50SF4 FREESCALE-K22P64M50SF4 Datasheet
1Mb / 59P
   K22 Sub-Family Data Sheet
K22P80M50SF4 FREESCALE-K22P80M50SF4 Datasheet
1Mb / 60P
   K22 Sub-Family Data Sheet
K22P48M50SF4 FREESCALE-K22P48M50SF4 Datasheet
1Mb / 55P
   K22 Sub-Family Data Sheet
logo
NXP Semiconductors
K22P80M50SF4 NXP-K22P80M50SF4 Datasheet
2Mb / 61P
   K22 Sub-Family
Rev. 4.1, 08/2013
K22P48M50SF4 NXP-K22P48M50SF4 Datasheet
1Mb / 57P
   K22 Sub-Family
Rev. 4, 08/2013
K22P121M50SF4 NXP-K22P121M50SF4 Datasheet
2Mb / 62P
   K22 Sub-Family
Rev. 4, 08/2013
K22P64M50SF4 NXP-K22P64M50SF4 Datasheet
2Mb / 60P
   K22 Sub-Family
Rev. 4, 08/2013
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com