Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8824 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8824
Description  STEPPER MOTOR CONTROLLER IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8824 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8824 Datasheet HTML 5Page - Texas Instruments DRV8824 Datasheet HTML 6Page - Texas Instruments DRV8824 Datasheet HTML 7Page - Texas Instruments DRV8824 Datasheet HTML 8Page - Texas Instruments DRV8824 Datasheet HTML 9Page - Texas Instruments DRV8824 Datasheet HTML 10Page - Texas Instruments DRV8824 Datasheet HTML 11Page - Texas Instruments DRV8824 Datasheet HTML 12Page - Texas Instruments DRV8824 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
I
=
CHOP
V
REFX
5
· RISENSE
¾
DRV8824
www.ti.com
SLVSA06E
– OCTOBER 2009 – REVISED AUGUST 2011
Current Regulation
The current through the motor windings is regulated by a fixed-frequency PWM current regulation, or current
chopping. When an H-bridge is enabled, current rises through the winding at a rate dependent on the DC voltage
and inductance of the winding. Once the current hits the current chopping threshold, the bridge disables the
current until the beginning of the next PWM cycle.
In stepping motors, current regulation is used to vary the current in the two windings in a semi-sinusoidal fashion
to provide smooth motion.
The PWM chopping current is set by a comparator which compares the voltage across a current sense resistor
connected to the xISEN pins, multiplied by a factor of 5, with a reference voltage. The reference voltage is input
from the xVREF pins.
The full-scale (100%) chopping current is calculated in Equation 1.
(1)
Example:
If a 0.5-
Ω sense resistor is used and the VREFx pin is 3.3 V, the full-scale (100%) chopping current will be
3.3 V / (5 x 0.5
Ω) = 1.32 A.
The reference voltage is scaled by an internal DAC that allows fractional stepping of a bipolar stepper motor, as
described in the microstepping indexer section below.
Decay Mode
During PWM current chopping, the H-bridge is enabled to drive current through the motor winding until the PWM
current chopping threshold is reached. This is shown in Figure 3 as case 1. The current flow direction shown
indicates positive current flow.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay.
In fast decay mode, once the PWM chopping current level has been reached, the H-bridge reverses state to
allow winding current to flow in a reverse direction. As the winding current approaches zero, the bridge is
disabled to prevent any reverse current flow. Fast decay mode is shown in Figure 3 as case 2.
In slow decay mode, winding current is re-circulated by enabling both of the low-side FETs in the bridge. This is
shown in Figure 3 as case 3.
Figure 3. Decay Mode
Copyright
© 2009–2011, Texas Instruments Incorporated
9


Similar Part No. - DRV8824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI1-DRV8824 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824 TI1-DRV8824 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive Motor Controller IC
DRV8824-Q1 TI-DRV8824-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8824-Q1 Automotive Motor Controller IC
More results

Similar Description - DRV8824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com