Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8813 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8813
Description  DUAL-BRIDGE MOTOR CONTROLLER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8813 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8813 Datasheet HTML 5Page - Texas Instruments DRV8813 Datasheet HTML 6Page - Texas Instruments DRV8813 Datasheet HTML 7Page - Texas Instruments DRV8813 Datasheet HTML 8Page - Texas Instruments DRV8813 Datasheet HTML 9Page - Texas Instruments DRV8813 Datasheet HTML 10Page - Texas Instruments DRV8813 Datasheet HTML 11Page - Texas Instruments DRV8813 Datasheet HTML 12Page - Texas Instruments DRV8813 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DRV8813
www.ti.com
SLVSA72C
– APRIL 2010 – REVISED MAY 2011
Decay Mode
During PWM current chopping, the H-bridge is enabled to drive current through the motor winding until the PWM
current chopping threshold is reached. This is shown in Figure 2 as case 1. The current flow direction shown
indicates the state when the xENBL pin is high.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay.
In fast decay mode, once the PWM chopping current level has been reached, the H-bridge reverses state to
allow winding current to flow in a reverse direction. As the winding current approaches zero, the bridge is
disabled to prevent any reverse current flow. Fast decay mode is shown in Figure 2 as case 2.
In slow decay mode, winding current is re-circulated by enabling both of the low-side FETs in the bridge. This is
shown in Figure 2 as case 3.
Figure 2. Decay Mode
The DRV8813 supports fast decay, slow decay and a mixed decay mode. Slow, fast, or mixed decay mode is
selected by the state of the DECAY pin - logic low selects slow decay, open selects mixed decay operation, and
logic high sets fast decay mode. The DECAY pin has both an internal pullup resistor of approximately 130 k
Ω
and an internal pulldown resistor of approximately 80 k
Ω. This sets the mixed decay mode if the pin is left open
or undriven. Note that the DECAY pin sets the decay mode for both H-bridges.
Mixed decay mode begins as fast decay, but at a fixed period of time (75% of the PWM cycle) switches to slow
decay mode for the remainder of the fixed PWM period.
Blanking Time
After the current is enabled in an H-bridge, the voltage on the xISEN pin is ignored for a fixed period of time
before enabling the current sense circuitry. This blanking time is fixed at 3.75
μs. Note that the blanking time also
sets the minimum on time of the PWM.
Copyright
© 2010–2011, Texas Instruments Incorporated
9


Similar Part No. - DRV8813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8813 TI-DRV8813_15 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8813 Dual-Bridge Motor Controller IC
More results

Similar Description - DRV8813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8812 TI-DRV8812_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812_14 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812_13 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8813 TI-DRV8813_15 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8813 Dual-Bridge Motor Controller IC
DRV8828 TI-DRV8828_15 Datasheet
900Kb / 21P
[Old version datasheet]   H-BRIDGE MOTOR CONTROLLER IC
DRV8828 TI1-DRV8828 Datasheet
710Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR CONTROLLER IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
STMicroelectronics
L9903 STMICROELECTRONICS-L9903 Datasheet
271Kb / 17P
   MOTOR BRIDGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com