Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8812PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8812PWPR
Description  DRV8812PWPR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8812PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8812PWPR Datasheet HTML 2Page - Texas Instruments DRV8812PWPR Datasheet HTML 3Page - Texas Instruments DRV8812PWPR Datasheet HTML 4Page - Texas Instruments DRV8812PWPR Datasheet HTML 5Page - Texas Instruments DRV8812PWPR Datasheet HTML 6Page - Texas Instruments DRV8812PWPR Datasheet HTML 7Page - Texas Instruments DRV8812PWPR Datasheet HTML 8Page - Texas Instruments DRV8812PWPR Datasheet HTML 9Page - Texas Instruments DRV8812PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DRV8812
SLVS997F – OCTOBER 2009 – REVISED AUGUST 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
VM = 24 V, fPWM < 50 kHz
5
8
mA
IVMQ
VM sleep mode supply current
VM = 24 V
10
20
μA
VUVLO
VM undervoltage lockout voltage
VM rising
7.8
8.2
V
V3P3OUT REGULATOR
IOUT = 0 to 1 mA, VM = 24 V, TJ = 25°C
3.18
3.30
3.42
V3P3
V3P3OUT voltage
V
IOUT = 0 to 1 mA
3.10
3.30
3.50
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0.6
0.7
V
VIH
Input high voltage
2
5.25
V
VHYS
Input hysteresis
0.45
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
100
μA
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
DECAY INPUT
VIL
Input low threshold voltage
For slow decay mode
0
0.8
V
VIH
Input high threshold voltage
For fast decay mode
2
V
IIN
Input current
±40
µA
H-BRIDGE FETS
VM = 24 V, I O = 1 A, TJ = 25°C
0.63
RDS(ON)
HS FET on resistance
VM = 24 V, IO = 1 A, TJ = 85°C
0.76
0.90
VM = 24 V, IO = 1 A, TJ = 25°C
0.65
RDS(ON)
LS FET on resistance
VM = 24 V, IO = 1 A, TJ = 85°C
0.78
0.90
IOFF
Off-state leakage current
–20
20
μA
MOTOR DRIVER
fPWM
Internal PWM frequency
50
kHz
tBLANK
Current sense blanking time
3.75
μs
tR
Rise time
VM = 24 V
100
360
ns
tF
Fall time
VM = 24 V
80
250
ns
tDEAD
Dead time
400
ns
tDEG
Input deglitch time
1.3
2.9
µs
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
1.8
5
A
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
CURRENT CONTROL
IREF
xVREF input current
xVREF = 3.3 V
–3
3
μA
xVREF = 3.3 V, 100% current setting
635
660
685
VTRIP
xISENSE trip voltage
xVREF = 3.3 V, 71% current setting
445
469
492
mV
xVREF = 3.3 V, 38% current setting
225
251
276
AISENSE
Current sense amplifier gain
Reference only
5
V/V
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DRV8812


Similar Part No. - DRV8812PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8812PWPR TI1-DRV8812PWPR Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812PWPR TI1-DRV8812PWPR Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812PWPR TI1-DRV8812PWPR Datasheet
1Mb / 23P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com