Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8812 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8812
Description  DRV8812PWPR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8812 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8812 Datasheet HTML 4Page - Texas Instruments DRV8812 Datasheet HTML 5Page - Texas Instruments DRV8812 Datasheet HTML 6Page - Texas Instruments DRV8812 Datasheet HTML 7Page - Texas Instruments DRV8812 Datasheet HTML 8Page - Texas Instruments DRV8812 Datasheet HTML 9Page - Texas Instruments DRV8812 Datasheet HTML 10Page - Texas Instruments DRV8812 Datasheet HTML 11Page - Texas Instruments DRV8812 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
I
=
CHOP
V
REFX
5
· RISENSE
¾
DRV8812
SLVS997F – OCTOBER 2009 – REVISED AUGUST 2013
www.ti.com
Bridge Control
The xPHASE input pins control the direction of current flow through each H-bridge. The xENBL input pins enable
the H-bridge outputs when active high. Table 2 shows the logic.
Table 2. H-Bridge Logic
xENBL
xPHASE
xOUT1
xOUT2
0
X
Z
Z
1
1
H
L
1
0
L
H
Current Regulation
The current through the motor windings is regulated by a fixed-frequency PWM current regulation, or current
chopping. When an H-bridge is enabled, current rises through the winding at a rate dependent on the DC voltage
and inductance of the winding. Once the current hits the current chopping threshold, the bridge disables the
current until the beginning of the next PWM cycle.
For stepping motors, current regulation is normally used at all times, and can changing the current can be used
to microstep the motor. For DC motors, current regulation is used to limit the start-up and stall current of the
motor.
The PWM chopping current is set by a comparator which compares the voltage across a current sense resistor
connected to the xISEN pins, multiplied by a factor of 5, with a reference voltage. The reference voltage is input
from the xVREF pins, and is scaled by a 2-bit DAC that allows current settings of 100%, 71%, 38% of full-scale,
plus zero.
The full-scale (100%) chopping current is calculated in Equation 1.
(1)
Example:
If a 0.5-
Ω sense resistor is used and the VREFx pin is 3.3 V, the full-scale (100%) chopping current will be
3.3 V / (5 x 0.5
Ω) = 1.32 A.
Two input pins per H-bridge (xI1 and xI0) are used to scale the current in each bridge as a percentage of the full-
scale current set by the VREF input pin and sense resistance. The function of the pins is shown in Table 3.
Table 3. H-Bridge Pin Functions
RELATIVE CURRENT
xI1
xI0
(% FULL-SCALE CHOPPING CURRENT)
1
1
0% (Bridge disabled)
1
0
38%
0
1
71%
0
0
100%
Note that when both xI bits are 1, the H-bridge is disabled and no current flows.
Example:
If a 0.5-
Ω sense resistor is used and the VREF pin is 3.3 V, the chopping current will be 1.32 A at the 100%
setting (xI1, xI0 = 00). At the 71% setting (xI1, xI0 = 01) the current will be 1.32 A x 0.71 = 0.937 A, and at
the 38% setting (xI1, xI0 = 10) the current will be 1.32 A x 0.38 = 0.502 A. If (xI1, xI0 = 11) the bridge will be
disabled and no current will flow.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: DRV8812


Similar Part No. - DRV8812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812 TI1-DRV8812 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812PWP TI1-DRV8812PWP Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
DRV8812PWPR TI1-DRV8812PWPR Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-BRIDGE MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com