Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3201QPAPQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV3201QPAPQ1
Description  3 Phase Motor Driver-IC for Automotive Safety Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV3201QPAPQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV3201QPAPQ1 Datasheet HTML 6Page - Texas Instruments DRV3201QPAPQ1 Datasheet HTML 7Page - Texas Instruments DRV3201QPAPQ1 Datasheet HTML 8Page - Texas Instruments DRV3201QPAPQ1 Datasheet HTML 9Page - Texas Instruments DRV3201QPAPQ1 Datasheet HTML 10Page - Texas Instruments DRV3201QPAPQ1 Datasheet HTML 11Page - Texas Instruments DRV3201QPAPQ1 Datasheet HTML 12Page - Texas Instruments DRV3201QPAPQ1 Datasheet HTML 13Page - Texas Instruments DRV3201QPAPQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
DRV3201-Q1
SLVSBD6 – MAY 2012
www.ti.com
PIN FUNCTIONS (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GNDA
11
GND
Analog ground
SCTH
12
HVI_A
Short circuit threshold, reference input voltage for VDS monitoring.
SLS1
13
PWR
Source low-side 1, connected to external power MOSFET for gate discharge and VDS monitoring.
GLS1
14
PWR
Gate low-side 1, connected to gate of external power MOSFET.
SHS1
15
PWR
Source high-side 1, connected to external power MOS transistor for gate discharge and VDS
monitoring.
GHS1
16
PWR
Gate high-side 1, connected to gate of external power MOS transistor.
PH1C
17
LVO_D
Phase comparator output1
PH2C
18
LVO_D
Phase comparator output2
PH3C
19
LVO_D
Phase comparator output3
GNDA
20
GND
Analog ground
DRVOFF
21
HVI_D
Driver OFF (high active), secondary bridge driver disable
SCLK
22
HVI_D
SPI clock
GNDL
23
GND
Logic ground
NCS
24
HVI_D
SPI chip select
SDI
25
HVI_D
SPI data input
SDO
26
LVO_D
SPI data output
GNDA
27
GND
Analog ground
VS
28
Supply
Power supply voltage
BOOST
29
Supply
Boost output voltage, used as supply for the gate-drivers.
SW
30
PWR
Boost converter switching node connected to external coil and external diode.
GNDLS_B
31
GND
Boost GND to set current limit. Boost switching current goes through this pin via exterior resistor to
GND.
NC
32
NC
NC pin, connected to GND during normal application.
NC
33
NC
NC pin, connected to GND during normal application.
B_EN
34
HVI_D
Boost enable. Enable boost operation or disable during e.g. sensitive measurement.
CSM
35
HVI_D
Configurable safety mode (high active), defines the level of safety.
EN
36
HVI_D
Enable (high active) of the device
RSTN
37
HVI_D
Reset (low active)
ERR
38
LVO_D
Error (low active). Error pin to indicate detected error.
GNDA
39
GND
Ground analog
VCC5
40
LVO_A
VCC5 regulator, for internal use only. Recommended external decoupling capacitance: 4.7 nF.
External load < 100 µA
TEST
41
HVI_A
TEST mode input, connected to GND during normal application.
VCC3
42
LVO_A
VCC3 regulator, for internal use only. Recommended external decoupling capacitance: 4.7 nF.
External load < 100 µA
AMUX
43
LVO_A
Analog TEST output MUX, connected to GND during normal application.
(GND)
ADREF
44
LVI_A
ADC reference of MCU, used as maximum voltage clamp for O1-O4.
GNDL
45
GND
Logic ground
O4
46
LVO_A
Output second stage current sense amplifier 2
O3
47
LVO_A
Output second stage current sense amplifier 1
O2
48
LVO_AO
Output first stage current sense amplifier 2
IN2
49
HVI_A
Current sense input N 2
IP2
50
HVI_A
Current sense input P 2
GNDA
51
GND
Ground analog
RO
52
LVO_A
Current sense reference output for the shift voltage.
RI
53
HVI_A
Current sense reference input for the shift voltage.
10
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): DRV3201-Q1


Similar Part No. - DRV3201QPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201QPAPQ1 TI1-DRV3201QPAPQ1 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
More results

Similar Description - DRV3201QPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1_16 Datasheet
3Mb / 60P
[Old version datasheet]   DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
logo
STMicroelectronics
L99ASC03G STMICROELECTRONICS-L99ASC03G Datasheet
926Kb / 70P
   Brushless / sensorless 3-phase motor pre-driver for automotive applications
July 2016 Rev 2
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Toshiba Semiconductor
TA8424F TOSHIBA-TA8424F Datasheet
372Kb / 11P
   3 PHASE HALL MOTOR DRIVER IC
logo
Rohm
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
   3-Phase Brushless Motor Pre-driver for Automotive
logo
Infineon Technologies A...
TLE7183QU INFINEON-TLE7183QU Datasheet
937Kb / 28P
   3 Phase Driver IC Automotive Power
Rev. 1.1, Jan. 2016
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
   3-phase full-wave motor driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com