Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW100505-82NJ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CW100505-82NJ
Description  CW100505 Series High Q Ceramic Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW100505-82NJ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CW100505-82NJ Datasheet HTML 1Page - Bourns Electronic Solutions CW100505-82NJ Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV. 05/12
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CW100505 Series High Q Ceramic Chip Inductors
Packaging Specifications
10.0 +0
(.394 +0)
12.5
(.492)
2.0
± 0.5
(.079
± .020)
50.0 -0
(1.969 -0)
178
(7.008)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0
± 0.8
(.827
± .031)
USER DIRECTION OF FEED
200
(7.874)
MIN.
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.748)
MIN.
START
4
(.157)
2
(.079)
END
L vs. Frequency
100
80
60
40
20
0
1
10
100
Frequency (MHz)
1000
10000
-27NJ
-12NJ
-5N6J
-1N0D
120
100
80
40
20
0
1
10
100
Frequency (MHz)
1000
10000
60
-27NJ
-12NJ
-5N6J
-1N0D
Q vs. Frequency
DIMENSIONS:
MM
(INCHES)
How to Order
CW100505 - 10NJ __
Series
Inductance & Tolerance (see Electrical Specifications chart)
Packaging
Blank = 10,000 pcs. per
7 ” reel
3 = 3,000 pcs. per 7 ” reel
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - CW100505-82NJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW100505-82NJ BOURNS-CW100505-82NJ Datasheet
390Kb / 2P
   CW100505 Series High Q Ceramic Chip Inductors
More results

Similar Description - CW100505-82NJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW100505 BOURNS-CW100505_13 Datasheet
390Kb / 2P
   CW100505 Series High Q Ceramic Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-7700-3HQ RENCO-RL-7700-3HQ Datasheet
1Mb / 2P
   HIGH Q CERAMIC WIREWOUND CHIP INDUCTORS
logo
Allied Components Inter...
CHQ05-2N5K-RC ALLIED-CHQ05-2N5K-RC Datasheet
410Kb / 1P
   Ceramic Core High Q Chip Inductors
CHQ10-4N1K-RC ALLIED-CHQ10-4N1K-RC Datasheet
435Kb / 1P
   Ceramic Core High Q Chip Inductors
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC Datasheet
422Kb / 1P
   Ceramic Core High Q Chip Inductors
logo
Bourns Electronic Solut...
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
   High Q Chip Inductors
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
   High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
   High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
   High Q Chip Inductors
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
   High Q Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com