Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH020-0850-27G9-00000TW Datasheet(PDF) 3 Page - Cree, Inc

Part # LMH020-0850-27G9-00000TW
Description  Cree짰 LMH2 850-lm and 1250-lm LED Modules with TrueWhite짰 Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH020-0850-27G9-00000TW Datasheet(HTML) 3 Page - Cree, Inc

  LMH020-0850-27G9-00000TW Datasheet HTML 1Page - Cree, Inc LMH020-0850-27G9-00000TW Datasheet HTML 2Page - Cree, Inc LMH020-0850-27G9-00000TW Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LMH2 850-LM & 1250-LM LED MoDuLE
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and TrueWhite are registered
trademarks and Cree TrueWhite is a trademark of Cree, Inc.
3
mechanical design
Light Source
Tc LOCATION
(See Design Guide for exact location)
60.3 (LeNS)
81 BC
88.2
67
20 ± 2
CREE, INC.
4600 SILICON DR
DURHAM, NC 27703
D
C
B
A
A
B
C
D
1
2
3
4
5
6
78
8
7
6
5
4
3
2
1
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
CREE, INC. ANY REPRODUCTION IN
PART OR AS A WHOLE WITHOUT
WRITTEN PERMISSION OF CREE, INC.
IS PROHIBITED.
PROPRIETARY AND CONFIDENTIAL
REV
DESCRIPTION
REVISION
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL 1/16”
ANGULAR: MACH 0.5° BEND 1°
TWO PLACE DECIMAL
0.063
THREE PLACE DECIMAL
0.015
ALL INSIDE RADII EQUAL MATERIAL
THICKNESS UNLESS NOTED
INTERPRET GEOMETRIC
TOLERANCING PER:
MATERIAL
FINISH
MATERIAL
FINISH
DRAWN
CHECKED
ENG APPR.
MFG APPR.
Q.A.
COMMENTS:
DATE
NAME
TITLE:
SIZE
B
DWG. NO.
REV
WEIGHT:
SCALE: 1:1
UNLESS OTHERWISE SPECIFIED:
A
DNR DDMMMYY
DESCRIPTION
SHEET 2 OF 2
XXXNNN
DO NOT SCALE DRAWING
SHADED AND FLAT VIEWS
ARE FOR REFERENCE ONLY.
ALL INSIDE RADII EQUAL
MATERIAL THICKNESS UNLESS NOTED.
DIMENSIONS IN BRACKETS
[X.XX] ARE METRIC REFERENCE
SAMPLE RELEASE
A
60.3
Tc LOCATION
30
STRIPPED 10 [0.375"]
200 ± 10 [8.0" ± 0.375"]
120 v & 277 v Driver
230 v Driver
Optional Heat Sink
units: mm


Similar Part No. - LMH020-0850-27G9-00000TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMH020-0850-27F9-00000TW CREE-LMH020-0850-27F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
More results

Similar Description - LMH020-0850-27G9-00000TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
logo
Bourns Electronic Solut...
CRM2512-FX-R330ELF BOURNS-CRM2512-FX-R330ELF Datasheet
294Kb / 3P
   Thick fi lm technology
logo
RAYEX ELECTRONICS CO., ...
LMP1HA-12D RAYEX-LMP1HA-12D Datasheet
68Kb / 2P
   LM SERIES
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com