Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS3-380C Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PTVS3-380C
Description  PTVS3-xxxC Series High Current TVS Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS3-380C Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PTVS3-380C Datasheet HTML 1Page - Bourns Electronic Solutions PTVS3-380C Datasheet HTML 2Page - Bourns Electronic Solutions PTVS3-380C Datasheet HTML 3Page - Bourns Electronic Solutions PTVS3-380C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
-v
Quadrant I
+v
+i
V
(BR)
I
T
V
WM
-i
Quadrant III
V
C
I
D
V I
Characteristic
I
PPM
V
(BR)
I
T
V
WM
V
C
I
D
I
PPM
120
100
40
60
80
20
0
0
25
50
100
75
125
150
Ambient Temperature (°C)
16
6
8
10
12
14
0
2
4
-4
-6
-8
-40
-20
0
20
40
60
80 100 120 140 160
Junction Temperature (TJ) - °C
25 °C
PTVS3-xxxC Series High Current TVS Diodes
Performance Graphs
V-I Characteristic
Typical VBR vs. Junction Temperature
Typical Peak Power Derating
Application
A typical application for PowerTVS products includes AC power line primary protection.


Similar Part No. - PTVS3-380C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS3-380C BOURNS-PTVS3-380C Datasheet
307Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS3-380C-TH BOURNS-PTVS3-380C-TH Datasheet
340Kb / 3P
   High Voltage, High Current TVS Diodes
PTVS3-380C-TH BOURNS-PTVS3-380C-TH Datasheet
697Kb / 4P
   High Voltage, High Current TVS Diodes
REV. 04/17
More results

Similar Description - PTVS3-380C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS3 BOURNS-PTVS3 Datasheet
271Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS3-058C BOURNS-PTVS3-058C Datasheet
307Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS3-XXXC-SH BOURNS-PTVS3-XXXC-SH Datasheet
234Kb / 4P
   PTVS3-xxxC-SH Series High Current TVS Diodes
REV. 07/15
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M_V01 Datasheet
228Kb / 5P
   PTVS3-xxxC-M Series High Current TVS Diodes
07/19
PTVS3-XXXC-TH BOURNS-PTVS3-XXXC-TH Datasheet
209Kb / 4P
   PTVS3-xxxC-TH Series High Current TVS Diodes
REV. 07/15
PTVS10-058C BOURNS-PTVS10-058C Datasheet
264Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS6 BOURNS-PTVS6 Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS6-380C BOURNS-PTVS6-380C Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS6-058C BOURNS-PTVS6-058C Datasheet
293Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS10-058C BOURNS-PTVS10-058C_13 Datasheet
273Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com