Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP1700 Datasheet(PDF) 9 Page - Texas Instruments

Part # DLP1700
Description  DLP짰 0.17 HVGA DDR Series 210 DMD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP1700 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLP1700 Datasheet HTML 5Page - Texas Instruments DLP1700 Datasheet HTML 6Page - Texas Instruments DLP1700 Datasheet HTML 7Page - Texas Instruments DLP1700 Datasheet HTML 8Page - Texas Instruments DLP1700 Datasheet HTML 9Page - Texas Instruments DLP1700 Datasheet HTML 10Page - Texas Instruments DLP1700 Datasheet HTML 11Page - Texas Instruments DLP1700 Datasheet HTML 12Page - Texas Instruments DLP1700 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DLP1700
www.ti.com
DLPS018B
– DECEMBER 2009 – REVISED SEPTEMBER 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted). Stresses beyond those listed under
" Absolute Maximum
Ratings
” may cause permanent damage to the device. The Absolute Maximum Ratings are stress ratings only, and functional
performance of the device at these or any other conditions beyond those indicated under
“ Recommended Operating
Conditions
” is not implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability.
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Electrical
VCC
Voltage applied to VCC
(1) (2)
–0.5
4
V
VREF
Voltage applied to VREF
(1) (2)
–0.5
4
V
VOFFSET
Voltage applied to VOFFSET
(1) (2) (3)
–0.5
9
V
VBIAS
Voltage applied to VBIAS
(1) (2) (3)
–0.5
17
V
VRST
Voltage applied to VRST
(1) (2)
–11
0.5
V
Delta supply voltage |VBIAS – VOFFSET|
(3)
9.0
V
Voltage applied to all other input terminals(1)
–0.5
VREF + 0.3
V
Current required from a high-level output
VOH = 2.4 V
–20
mA
Current required from a low-level output
VOL = 0.4 V
15
mA
Environmental
Operating
–10
70
TC
Case temperature(4)
°C
Non-operating
–40
80
Device temperature gradient(5)
Operating
10
°C
Operating
95
Local ambient relative humidity(6)
%
Non-operating
95
< 400 nm
2
Illumination power density(7)
400 to 700
See (8)
mW/cm2
> 700 nm
10
Electrostatic discharge immunity(9)
All pins
2000
V
(1)
All voltages referenced to VSS (ground).
(2)
Voltages VCC, VREF, VOFFSET, VBIAS, and VRST are required for proper DMD operation.
(3)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VOFFSET may result in excess current draw.
(4)
Case temperature as measured at the Thermal Test Point indicated in Figure 11.
(5)
As measured between any two points on the exterior of the package, or as predicted between any two points inside the micromirror
array cavity. Refer to the Thermal Characteristics for information related to calculating the micromirror array temperature.
(6)
Non-condensing
(7)
Total integrated illumination power density, above or below the indicated wavelength threshold.
(8)
Limited only by the resulting case temperature.
(9)
Tested in accordance with JESD22-A114-B Electrostatic Discharge (ESD) sensitivity testing Human Body Model (HBM).
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DLP1700


Similar Part No. - DLP1700

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11RB150UL2 MURATA-DLP11RB150UL2 Datasheet
223Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
DLP11RB150UL2 MURATA1-DLP11RB150UL2 Datasheet
390Kb / 3P
   Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
DLP11RB150UL2B MURATA1-DLP11RB150UL2B Datasheet
390Kb / 3P
   Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
DLP11RB150UL2B MURATA1-DLP11RB150UL2B Datasheet
169Kb / 3P
   Common Mode Choke Coil Film Type
2011.9.8
DLP11RB150UL2L MURATA1-DLP11RB150UL2L Datasheet
390Kb / 3P
   Compact footprint and low profile (L횞W =1.25횞1.0 t = 0.5/-0.1)
Last updated08/01/2022
More results

Similar Description - DLP1700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200_1 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLP301S TI-DLP301S Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com