Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIX9211 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX9211 Datasheet(HTML) 3 Page - Texas Instruments

  DIX9211 Datasheet HTML 1Page - Texas Instruments DIX9211 Datasheet HTML 2Page - Texas Instruments DIX9211 Datasheet HTML 3Page - Texas Instruments DIX9211 Datasheet HTML 4Page - Texas Instruments DIX9211 Datasheet HTML 5Page - Texas Instruments DIX9211 Datasheet HTML 6Page - Texas Instruments DIX9211 Datasheet HTML 7Page - Texas Instruments DIX9211 Datasheet HTML 8Page - Texas Instruments DIX9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
THERMAL INFORMATION
DIX9211
THERMAL METRIC(1)
PT PACKAGE
UNITS
48 PINS
qJA
Junction-to-ambient thermal resistance
61.0
qJCtop
Junction-to-case (top) thermal resistance
0.7
qJB
Junction-to-board thermal resistance
29.6
°C/W
yJT
Junction-to-top characterization parameter
18.9
yJB
Junction-to-board characterization parameter
30.0
qJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
DIR analog supply voltage, VCC
2.9
3.3
3.6
V
ALL digital supply voltage, VDD
2.9
3.3
3.6
V
Coaxial amplifier supply voltage, VDDRX
2.9
3.3
3.6
V
Digital input interface level
TTL-compatible
DIR, DIT, and Routing sampling frequency
7
216
kHz
Digital input/output clock frequency
DIR, DIT, and Routing system clock frequency
0.896
55.296
MHz
XTI input clock frequency
24.576
MHz
Digital output load capacitance
Except SCKO
20
pF
Digital output load capacitance
SCKO
10
pF
MODE pin capacitance
10
pF
Operating free-air temperature
–40
+25
+85
°C
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DIX9211


Similar Part No. - DIX9211

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - DIX9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
[Old version datasheet]   216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
[Old version datasheet]   Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
   Digital Audio Interface Transceiver
May, 2013
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
   Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com