Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5675AIPHPR Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC5675AIPHPR
Description  14-Bit, 400MSPS Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675AIPHPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5675AIPHPR Datasheet HTML 2Page - Texas Instruments DAC5675AIPHPR Datasheet HTML 3Page - Texas Instruments DAC5675AIPHPR Datasheet HTML 4Page - Texas Instruments DAC5675AIPHPR Datasheet HTML 5Page - Texas Instruments DAC5675AIPHPR Datasheet HTML 6Page - Texas Instruments DAC5675AIPHPR Datasheet HTML 7Page - Texas Instruments DAC5675AIPHPR Datasheet HTML 8Page - Texas Instruments DAC5675AIPHPR Datasheet HTML 9Page - Texas Instruments DAC5675AIPHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
DIGITAL SPECIFICATIONS
DAC5675A
SBAS334C – NOVEMBER 2004 – REVISED MARCH 2005
Over operating free-air temperature range. Typical values at +25°C, AV
DD = 3.3V, DVDD = 3.3V, unless otherwise noted.
DAC5675A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS Interface: nodes D[13:0]A, D[13:0]B
VITH+
Positive-going differential input voltage
100
mV
threshold
See LVDS min/max
threshold voltages table
VITH-
Negative-going differential input voltage
-100
mV
threshold
ZT
Internal termination impedance
90
110
132
CI
Input capacitance
2
pF
CMOS Interface (SLEEP):
VIH
High-level input voltage
2
3.3
V
VIL
Low-level input voltage
0
0.8
V
IIH
High-level input current
–100
100
µA
IIL
Low-level input current
–10
10
µA
Input capacitance
2
pF
Clock Interface (CLK, CLKC):
|CLK-
Clock differential input voltage
0.4
0.8
VPP
CLKC|
Clock duty cycle
40
60
%
VCM
Common-mode voltage range
2 ±20%
V
Input resistance
Node CLK, CLKC
670
Input capacitance
Node CLK, CLKC
2
pF
Input resistance
Differential
1.3
k
Input capacitance
Differential
1
pF
Timing
tSU
Input setup time
1.5
ns
tH
Input hold time
0
ns
tDD
Digital delay time (DAC latency)
3
clk
6


Similar Part No. - DAC5675AIPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
DAC5675AHFG TI1-DAC5675AHFG Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
DAC5675AHFG/EM TI1-DAC5675AHFG/EM Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
More results

Similar Description - DAC5675AIPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
Maxwell Technologies
5675 MAXWELL-5675 Datasheet
189Kb / 16P
   14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 28P
[Old version datasheet]   400MSPS ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
logo
Burr-Brown (TI)
ADS5542 BURR-BROWN-ADS5542 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com