Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0720401VXC Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-0720401VXC
Description  CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-0720401VXC Datasheet(HTML) 5 Page - Texas Instruments

  5962-0720401VXC Datasheet HTML 1Page - Texas Instruments 5962-0720401VXC Datasheet HTML 2Page - Texas Instruments 5962-0720401VXC Datasheet HTML 3Page - Texas Instruments 5962-0720401VXC Datasheet HTML 4Page - Texas Instruments 5962-0720401VXC Datasheet HTML 5Page - Texas Instruments 5962-0720401VXC Datasheet HTML 6Page - Texas Instruments 5962-0720401VXC Datasheet HTML 7Page - Texas Instruments 5962-0720401VXC Datasheet HTML 8Page - Texas Instruments 5962-0720401VXC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DAC5675A-SP
www.ti.com ..................................................................................................................................................... SGLS387D – JULY 2007 – REVISED OCTOBER 2009
AC Electrical Characteristics (Unchanged after 100 kRad)
over operating free-air temperature range, typical values at 25°C, AVDD = 3.3 V, DVDD = 3.3 V, IO(FS) = 20 mA, differential
transformer-coupled output, 50-
Ω doubly-terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
fCLK
Output update rate
400
MSPS
ts(DAC)
Output setting time to 0.1%
Transition: code x2000 to x23FF
12
ns
tPD
Output propagation delay
1
ns
tr(IOUT)
Output rise time, 10% to 90%
300
ps
tf(IOUT)
Output fall time, 90% to 10%
300
ps
IOUTFS = 20 mA
55
Output noise
pA/
√Hz
IOUTFS = 2 mA
30
AC Linearity
fCLK = 100 MSPS,
fOUT = 19.9 MHz
70
fCLK = 160 MSPS,
fOUT = 41 MHz
72
fCLK = 200 MSPS,
fOUT = 70 MHz
68
THD
Total harmonic distortion
fOUT = 20.0 MHz
60
68
dBc
fOUT = 20.0 MHz, for TMIN
57
fCLK = 400 MSPS
fOUT = 70 MHz
67
fOUT = 140 MHz
55
fCLK = 100 MSPS,
fOUT = 19.9 MHz
70
fCLK = 160 MSPS,
fOUT = 41 MHz
73
fCLK = 200 MSPS,
fOUT = 70 MHz
70
Spurious-free dynamic range
SFDR
fOUT = 20.0 MHz
62
68
dBc
to Nyquist
fOUT = 20.0 MHz, for TMIN
61
fCLK = 400 MSPS
fOUT = 70 MHz
69
fOUT = 140 MHz
56
fCLK = 100 MSPS,
fOUT = 19.9 MHz
82
fCLK = 160 MSPS,
fOUT = 41 MHz
77
fCLK = 200 MSPS,
fOUT = 70 MHz
82
Spurious-free dynamic range
SFDR
dBc
within a window, 5 MHz span
fOUT = 20.0 MHz
82
fCLK = 400 MSPS
fOUT = 70 MHz
82
fOUT = 140 MHz
75
SNR
Signal-to-noise ratio
fCLK = 400 MSPS
fOUT = 20.0 MHz
60
67
dBc
fCLK = 122.88 MSPS, IF = 30.72 MHz, See Figure 11
73
Adjacent channel power ratio
ACPR
WCDM A with 3.84 MHz BW,
fCLK = 245.76 MSPS, IF = 61.44 MHz,
71
dB
5 MHz channel spacing
fCLK = 399.36 MSPS, IF = 153.36 MHz, See Figure 13
65
Two-tone intermodulation
fCLK = 400 MSPS, fOUT1 = 70 MHz, fOUT2 = 71 MHz
73
to Nyquist (each tone at
fCLK = 400 MSPS, fOUT1 = 140 MHz, fOUT2 = 141 MHz
62
–6 dBfs)
IMD
dBc
Four-tone intermodulation,
fCLK = 156 MSPS, fOUT = 15.6, 15.8, 16.2, 16.4 MHz
82
15-MHz span, missing center
fCLK = 400 MSPS, fOUT = 68.1, 69.3, 71.2, 72 MHz
74
tone (each tone at –16 dBfs)
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC5675A-SP


Similar Part No. - 5962-0720401VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0720401VXC TI1-5962-0720401VXC Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
More results

Similar Description - 5962-0720401VXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com