Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY74FCT163H374 Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT163H374
Description  16-Bit Registers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT163H374 Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT163H374 Datasheet HTML 1Page - Texas Instruments CY74FCT163H374 Datasheet HTML 2Page - Texas Instruments CY74FCT163H374 Datasheet HTML 3Page - Texas Instruments CY74FCT163H374 Datasheet HTML 4Page - Texas Instruments CY74FCT163H374 Datasheet HTML 5Page - Texas Instruments CY74FCT163H374 Datasheet HTML 6Page - Texas Instruments CY74FCT163H374 Datasheet HTML 7Page - Texas Instruments CY74FCT163H374 Datasheet HTML 8Page - Texas Instruments CY74FCT163H374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY74FCT163374
CY74FCT163H374
4
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICCD
Dynamic Power Supply
Current[11]
VCC=Max., One Input Toggling,
50% Duty Cycle,
Outputs Open, OE=GND
VIN=VCC or
VIN=GND
50
75
µA/MHz
IC
Total Power Supply
Current[12]
VCC=Max., f1=10 MHz, 50%
Duty Cycle, Outputs Open, One
Bit Toggling, OE=GND
VIN=VCC or
VIN=GND
0.5
0.8
mA
VIN=VCC–0.6V or
VIN=GND
0.5
0.8
mA
VCC=Max., f1=2.5 MHz, 50%
Duty Cycle, Outputs Open, Six-
teen Bits Toggling, OE=GND
VIN=VCC or
VIN=GND
2.0
3.0[13]
mA
VIN=VCC–0.6V or
VIN=GND
2.0
3.3[13]
mA
Switching Characteristics Over the Operating Range VCC=3.0V to 3.6V
[14,15]
Parameter
Description
CY74FCT163374A
CY74FCT163H374A
CY74FCT163374C
CY74FCT163H374C
Min.
Max.
Min.
Max.
Unit
Fig. No.[16]
tPLH
tPHL
Propagation Delay Clock to
Output
1.5
6.5
1.5
5.2
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
6.5
1.5
5.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.5
1.5
5.0
ns
1, 7, 8
tSU
Input Setup time
2.0
2.0
ns
1, 4
tH
Input Hold time
1.5
-
1.5
-
ns
1. 4
tSK(O)
Output Skew[17]
0.5
0.5
ns
Notes:
11. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
12. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC = Quiescent Current with CMOS input levels
∆I
CC =
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
13. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.
14. Minimum limits are specified but not tested on Propagation Delays.
15. For VCC =2.7, propagation delay, output enable and output disable times should be degraded by 20%.
16. See “Parameter Measurement Information” in the General Information section.
17. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.


Similar Part No. - CY74FCT163H374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163H244 TI-CY74FCT163H244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163H244 TI1-CY74FCT163H244 Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163H244CPAC TI1-CY74FCT163H244CPAC Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163H244CPVC TI-CY74FCT163H244CPVC Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT163H244CPVC TI1-CY74FCT163H244CPVC Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results

Similar Description - CY74FCT163H374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT162374T TI1-CY74FCT162374T Datasheet
681Kb / 21P
[Old version datasheet]   16-Bit Registers
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
SN54LS673 TI-SN54LS673_07 Datasheet
626Kb / 23P
[Old version datasheet]   16-BIT SHIFT REGISTERS
SN54LS673 TI-SN54LS673 Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
logo
Integrated Device Techn...
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com