Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

519903B00000G Datasheet(PDF) 47 Page - Aavid, Thermal Division of Boyd Corporation

Part # 519903B00000G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

519903B00000G Datasheet(HTML) 47 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 519903B00000G Datasheet HTML 43Page - Aavid, Thermal Division of Boyd Corporation 519903B00000G Datasheet HTML 44Page - Aavid, Thermal Division of Boyd Corporation 519903B00000G Datasheet HTML 45Page - Aavid, Thermal Division of Boyd Corporation 519903B00000G Datasheet HTML 46Page - Aavid, Thermal Division of Boyd Corporation 519903B00000G Datasheet HTML 47Page - Aavid, Thermal Division of Boyd Corporation 519903B00000G Datasheet HTML 48Page - Aavid, Thermal Division of Boyd Corporation 519903B00000G Datasheet HTML 49Page - Aavid, Thermal Division of Boyd Corporation 519903B00000G Datasheet HTML 50Page - Aavid, Thermal Division of Boyd Corporation 519903B00000G Datasheet HTML 51Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
47
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
6225
Space saving staggered fin heat sink
Space saving staggered fin heat sink
for vertical mounting TO-220 devices.
Features solderable mounting tabs for
easy attachment to the PC board.
8.00
(0.315)
27.18
(1.070)
ø3.18
(0.125)
THRU
15.16
(0.597)
3.18
(0.125)
26.01
(1.024)
17.78
(0.700)
2.28
(0.090)
4.83
(0.190)
2.02
(0.080)
Part Number
Description
6225B-MTG
Space saving staggered fin heat sink
2.90 (0.114)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
12.70
(0.500)
35.05
(1.380)
25.40
(1.000)
50.80
(2.000)
2.46
(0.097)
25.40
(1.000)
18.28
(0.720)
4.75
(0.187)
3.18
(0.125)
ø
2x
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
2
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Copper, space saving staggered
fin heat sink for vertical mounting
TO-220 devices. Features solderable
mounting tabs for easy attachment
to the PC board.
6032
Copper, space saving staggered fin heat sink
6022
Space saving staggered fin heat sink
Space saving staggered fin
heat sink for vertical mounting
TO-220 devices. Features staked
on solderable mounting tabs for
easy attachment to the PC board.
6.35
(0.250)
22.23
(0.875)
3.18
(0.125)
30.73
(1.210)
18.54
(0.730)
1.07
(0.042)
17.78
(0.700)
2.79
(0.110)
ø
1.78
(0.070)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
2
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Finish
6022PBG
Pre-black anodize*
2.36 (0.093)
6022BG
Black anodize
2.36 (0.093)
ORDERING INFORMATION
Material: 1.02 (0.040) Thick Aluminum
Finish: Black Anodize
Material: 1.27 (0.050) Thick Copper
Finish: Tin Plated
Material: 1.02 (0.040) Thick Aluminum
Finish: See Table
ORDERING INFORMATION
Part Number
Description
6032DG
Copper space saving staggered fin heat sink
3.10 (0.122)
Dia of PCB
Plated Thru
Hole for Tabs
TO-220 Heat Sinks
Dia of PCB
Plated Thru
Hole for Tabs
Dia of PCB
Plated Thru
Hole for Tabs
*Edges cut during the manufacturing process will be unfinished.
See page 110 for more information
For additional options see page 85
For additional options see page 85
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99


Similar Part No. - 519903B00000G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
519903B00000G AAVID-519903B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 519903B00000G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com