Electronic Components Datasheet Search |
|
519703B00000G Datasheet(PDF) 39 Page - Aavid, Thermal Division of Boyd Corporation |
|
519703B00000G Datasheet(HTML) 39 Page - Aavid, Thermal Division of Boyd Corporation |
39 / 116 page 39 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com 7173 Copper channel style heat sink featuring two integrated tabs 6236 Channel style heat sink featuring an integrated device retaining clip TO-220 Heat Sinks 19.05 (0.750) 13.34 (0.525) ø3.81 (0.150)THRU 9.52 (0.375) 19.05 (0.750) 3.81 (0.150) 1.27 (0.050) 4.11 (0.162) 6.35 (0.250) 3.81 (0.150) Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 01 2 3 4 5 8 6 2 4 0 0 400 200 600 800 1000 Copper channel style heat sink features two integrated tabs. The heat sink is tin plated and can be soldered to the PC board. Material: 0.63 (0.025) Thick Copper Finish: Tin Plated ORDERING INFORMATION Part Number Description 7173DG Copper channel style heat sink 2.54 (0.100) Dia of PCB Plated Thru Hole for Tabs Channel style heat sink features an integrated device retaining clip that eliminates the need for attachment hardware. Available in two finish options. 17.78 (0.700) 12.95 (0.510) 13.21 (0.520) Top is cut away to show detail 2.54 (0.100) Locking Catch 14.22 (0.560) CL Air Velocity—Feet Per Minute Heat Dissipated—Watts 20 0 20 40 60 80 100 02 4 6 8 10 16 12 4 8 0 0 400 200 600 800 1000 Part Number Finish 6236BG Black anodize 6236PBG Pre-black anodize* ORDERING INFORMATION Material: 1.02 (0.040) Thick Aluminum Finish: See Table * Edges cut during the manufacturing process will be unfinished. See page 110 for more information. TV40 Narrow channel style heat sink features twisted fins 38.00 (1.497) 22.00 (0.866) 28.00 (1.103) CL 13.00 (0.512) 6.00 (0.236) 4.00 (0.158) THRU 2X Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 02 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 Narrow channel style heat sink features twisted fins for increased air turbulence and better cooling. Mounts horizontally to accommodate two TO-220 devices. Material: 0.81 (0.032) Thick Aluminum Finish: Black Anodize ORDERING INFORMATION Part Number Description TV40G Narrow channel style heat sink with twisted fins Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |
Similar Part No. - 519703B00000G |
|
Similar Description - 519703B00000G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |