Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4263-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4263-1
Description  8-Port PoE/PoE PSE Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC4263-1 Datasheet HTML 1Page - Linear Technology LTC4263-1 Datasheet HTML 2Page - Linear Technology LTC4263-1 Datasheet HTML 3Page - Linear Technology LTC4263-1 Datasheet HTML 4Page - Linear Technology LTC4263-1 Datasheet HTML 5Page - Linear Technology LTC4263-1 Datasheet HTML 6Page - Linear Technology LTC4263-1 Datasheet HTML 7Page - Linear Technology LTC4263-1 Datasheet HTML 8Page - Linear Technology LTC4263-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC4290/LTC4271
3
429071f
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
MAX PWR TEMPERATURE RANGE
LTC4271IUF#PBF
LTC4271IUF#TRPBF
4271
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
LTC4290BIUJ#PBF
LTC4290BIUJ#TRPBF
LTC4290BUJ
40-Lead (6mm × 6mm) Plastic QFN
25.5W
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LTC4290
LTC4271
12
11
13 14 15
TOP VIEW
41
VSSK
UJ PACKAGE
40-LEAD (6mm × 6mm) PLASTIC QFN
16 17 18 19 20
39
40
38 37 36 35 34 33 32 31
23
24
25
26
27
28
29
30
8
7
6
5
4
3
2
1
VEE
GATE1
OUT1
GATE2
OUT2
CAP2
GATE3
OUT3
GATE4
OUT4
VEE
GATE8
OUT8
GATE7
OUT7
AGND
GATE6
OUT6
GATE5
OUT5
22
21
9
10
TJMAX = 125°C, θJC = 2°C/W
EXPOSED PAD (PIN 41) IS VSSK, MUST BE SOLDERED TO PCB
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
AD0
AD1
AD2
AD3
AD6
MID
SCL
SDAIN
SDAOUT
INT
RESET
DNC
25
DGND
TJMAX = 125°C, θJC = 4°C/W
EXPOSED PAD (PIN 25) IS DGND, MUST BE SOLDERED TO PCB


Similar Part No. - LTC4263-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1 Datasheet
288Kb / 20P
   High Power Single PSE Controller with Internal Switch
LTC4263-1 LINER-LTC4263-1 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4263-1 LINER-LTC4263-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4263-1 LINER-LTC4263-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4263-1 LINER-LTC4263-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4263-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
   8-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
   PoE PSE Controller
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
   PoE PSE Controller
A March 2020
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com