Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3803 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3803
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3803 Datasheet HTML 7Page - Linear Technology LTC3803 Datasheet HTML 8Page - Linear Technology LTC3803 Datasheet HTML 9Page - Linear Technology LTC3803 Datasheet HTML 10Page - Linear Technology LTC3803 Datasheet HTML 11Page - Linear Technology LTC3803 Datasheet HTML 12Page - Linear Technology LTC3803 Datasheet HTML 13Page - Linear Technology LTC3803 Datasheet HTML 14Page - Linear Technology LTC3803 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8300
11
8300f
applicaTions inForMaTion
Figure 4. Output Power for 24V Output
Figure 1. Output Power for 3.3V Output
Figure 2. Output Power for 5V Output
Figure 3. Output Power for 12V Output
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F01
100
N = 12:1
MAXIMUM
OUTPUT
POWER
N = 8:1
N = 6:1
N = 4:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F02
100
MAXIMUM
OUTPUT
POWER
N = 2:1
N = 4:1
N = 6:1
N = 8:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F03
100
N = 4:1
MAXIMUM
OUTPUT
POWER
N = 3:1
N = 2:1
N = 1:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F04
100
N = 1:1
N = 3:2
N = 1:2
MAXIMUM
OUTPUT
POWER
N = 2:1
Primary Inductance Requirement
The LT8300 obtains output voltage information from the
reflected output voltage on the SW pin. The conduction
of secondary current reflects the output voltage on the
primarySWpin.Thesample-and-holderroramplifierneeds
aminimum350nstosettleandsamplethereflectedoutput
voltage. In order to ensure proper sampling, the second-
ary winding needs to conduct current for a minimum of
350ns. The following equation gives the minimum value
for primary-side magnetizing inductance:
LPRI
tOFF(MIN) •NPS • VOUT + VF
(
)
ISW(MIN)
tOFF(MIN) = Minimum switch-off time = 350ns
ISW(MIN) = Minimum switch current limit = 52mA
In addition to the primary inductance requirement for
the minimum switch-off time, the LT8300 has minimum
switch-on time that prevents the chip from turning on
the power switch shorter than approximately 160ns. This
minimumswitch-ontimeismainlyforleading-edgeblank-
ing the initial switch turn-on current spike. If the inductor
current exceeds the desired current limit during that time,
oscillation may occur at the output as the current control
loopwillloseitsabilitytoregulate.Therefore,thefollowing
equation relating to maximum input voltage must also be
followedinselectingprimary-sidemagnetizinginductance:
LPRI
tON(MIN) • VIN(MAX)
ISW(MIN)
tON(MIN) = Minimum Switch-On Time = 160ns


Similar Part No. - LTC3803

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3803 LINER-LTC3803 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
LTC3803 LINER-LTC3803 Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC3803 LINER-LTC3803 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results

Similar Description - LTC3803

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8300 AD-LT8300 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Linear Technology
LT8300 LINER-LT8300_15 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
   Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
   42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
logo
Analog Devices
LT8301 AD-LT8301 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 AD-LT8302 Datasheet
1Mb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Linear Technology
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Analog Devices
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
   40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com