Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17309Q3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17309Q3
Description  30V N-Channel NexFET??Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17309Q3 Datasheet(HTML) 5 Page - Texas Instruments

  CSD17309Q3 Datasheet HTML 1Page - Texas Instruments CSD17309Q3 Datasheet HTML 2Page - Texas Instruments CSD17309Q3 Datasheet HTML 3Page - Texas Instruments CSD17309Q3 Datasheet HTML 4Page - Texas Instruments CSD17309Q3 Datasheet HTML 5Page - Texas Instruments CSD17309Q3 Datasheet HTML 6Page - Texas Instruments CSD17309Q3 Datasheet HTML 7Page - Texas Instruments CSD17309Q3 Datasheet HTML 8Page - Texas Instruments CSD17309Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC - Case Temperature - °C
-75
-25
25
75
125
175
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
G007
ID = 18A
VGS = 8V
VSD - Source-to-Drain Voltage - V
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
TC = 25°C
TC = 125°C
G008
VDS - Drain-to-Source Voltage - V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1k
1ms
10ms
11110
1s
DC
100ms
G009
Area Limited
by RDS(on)
Single Pulse
Typical RθJA = 139°C/W (min Cu)
t(AV) - Time in Avalanche - ms
0.01
0.1
1
10
100
1
10
100
1k
TC = 25°C
TC = 125°C
G010
TC - Case Temperature - °C
-50
-25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
G011
CSD17309Q3
www.ti.com
SLPS261A – MARCH 2010 – REVISED OCTOBER 2010
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CSD17309Q3


Similar Part No. - CSD17309Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17301Q5A TI-CSD17301Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
logo
VBsemi Electronics Co.,...
CSD17301Q5A VBSEMI-CSD17301Q5A Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
logo
Texas Instruments
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results

Similar Description - CSD17309Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com