Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD16327Q3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16327Q3
Description  N-Channel NexFET??Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16327Q3 Datasheet(HTML) 1 Page - Texas Instruments

  CSD16327Q3 Datasheet HTML 1Page - Texas Instruments CSD16327Q3 Datasheet HTML 2Page - Texas Instruments CSD16327Q3 Datasheet HTML 3Page - Texas Instruments CSD16327Q3 Datasheet HTML 4Page - Texas Instruments CSD16327Q3 Datasheet HTML 5Page - Texas Instruments CSD16327Q3 Datasheet HTML 6Page - Texas Instruments CSD16327Q3 Datasheet HTML 7Page - Texas Instruments CSD16327Q3 Datasheet HTML 8Page - Texas Instruments CSD16327Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0095-01
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage - V
TC = 25°C
TC = 125ºC
ID = 24A
G001
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
Qg - Gate Charge - nC (nC)
ID =24A
VDD = 12.5V
G001
CSD16327Q3
www.ti.com
SLPS371
– DECEMBER 2011
N-Channel NexFET
™ Power MOSFET
Check for Samples: CSD16327Q3
1
FEATURES
PRODUCT SUMMARY
2
Optimized for 5V Gate Drive
VDS
Drain to Source Voltage
25
V
Ultra Low Qg and Qgd
Qg
Gate Charge Total (4.5V)
6.2
nC
Low Thermal Resistance
Qgd
Gate Charge Gate to Drain
1.1
nC
VGS = 3V
5
m
Avalanche Rated
RDS(on)
Drain to Source On Resistance
VGS = 4.5V
4
Pb Free Terminal Plating
VGS = 8V
3.4
RoHS Compliant
Vth
Threshold Voltage
1.2
V
Halogen Free
SON 3.3mm x 3.3mm Plastic Package
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
APPLICATIONS
SON 3.3
× 3.3
13-inch
Tape and
CSD16327Q3
2500
Plastic Package
reel
Reel
Point-of-Load Synchronous Buck Converter
for Applications in Networking, Telecom and
ABSOLUTE MAXIMUM RATINGS
Computing Systems
TA = 25°C unless otherwise stated
VALUE
UNIT
Optimized for Control or Synchronous FET
VDS
Drain to Source Voltage
25
V
Applications
VGS
Gate to Source Voltage
+10 /
–8
V
Continuous Drain Current, TC = 25°C
60
A
DESCRIPTION
ID
Continuous Drain Current(1)
21
A
The NexFET
™ power MOSFET has been designed
IDM
Pulsed Drain Current, TA = 25°C
(2)
112
A
to minimize losses in power conversion and optimized
PD
Power Dissipation(1)
3
W
for 5V gate drive applications.
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Top View
Avalanche Energy, single pulse
EAS
125
mJ
ID = 50A, L = 0.1mH, RG = 25Ω
(1) RθJA = 45°C/W on 1in
2 Cu (2 oz.) on 0.060" thick FR4 PCB.
(2) Pulse width
≤300μs, duty cycle ≤2%
RDS(ON) vs VGS
Gate Charge
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD16327Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3 Datasheet
425Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16327Q3T TI1-CSD16327Q3T Datasheet
425Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3_16 Datasheet
425Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD16327Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com