Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP888HG Datasheet(PDF) 3 Page - Texas Instruments

Part # COP888HG
Description  COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP888HG Datasheet(HTML) 3 Page - Texas Instruments

  COP888HG Datasheet HTML 1Page - Texas Instruments COP888HG Datasheet HTML 2Page - Texas Instruments COP888HG Datasheet HTML 3Page - Texas Instruments COP888HG Datasheet HTML 4Page - Texas Instruments COP888HG Datasheet HTML 5Page - Texas Instruments COP888HG Datasheet HTML 6Page - Texas Instruments COP888HG Datasheet HTML 7Page - Texas Instruments COP888HG Datasheet HTML 8Page - Texas Instruments COP888HG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Key Features (Continued)
Additional Peripheral Features
n
Idle Timer
n
Multi-Input Wake-Up (MIWU) with optional interrupts (8)
n
Two analog comparators (one for the CS series)
n
WATCHDOG and Clock Monitor logic
n
MICROWIRE/PLUS serial I/O
I/O Features
n
Memory mapped I/O
n
Software selectable I/O options (TRI-STATE® Output,
Push-Pull Output, Weak Pull-Up Input, High Impedance
Input)
n
Up to 8 high current outputs
n
Schmitt trigger inputs on ports G and L
n
Packages:
— 44 PQFP with 40 I/O pins
— 44 PLCC with 40 I/O pins
— 40 DIP with 36 I/O pins
— 28 DIP/SOIC with 24 I/O pins
CPU/Instruction Set Features
n
1 µs instruction cycle time
n
Versatile and easy to use instruction set
n
Up to fourteen multi-source vectored interrupts servicing
— External Interrupt with selectable edge
— Idle Timer T0
— Three Timers (one timer for the CS series)(each with
2 interrupts)
— MICROWIRE/PLUS
— Multi-Input Wake-Up
— Software Trap
— USART (2)
— Default VIS (default interrupt)
n
8-bit Stack Pointer SP — (stack in RAM)
n
Two 8-bit Register Indirect Data Memory Pointers
(B and X)
Fully Static CMOS
n
Two power saving modes: HALT and IDLE
n
Low current drain (typically <1 µA)
n
Single supply operation: 2.5V–5.5V (COP88x)
n
Temperature ranges:
0˚C to +70˚C, −40˚C to +85˚C, and −55˚C to +125˚C
Development Support
n
Emulation and OTP devices
n
Real time emulation and full program debug offered by
MetaLink’s Development System
Block Diagram
DS012829-1
FIGURE 1. COP888xG Block Diagram
www.national.com
2


Similar Part No. - COP888HG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888HG NSC-COP888HG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888HG NSC-COP888HG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
More results

Similar Description - COP888HG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com