Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2270 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2270
Description  16-Bit, 20Msps Low Noise Dual ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2270 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2270 Datasheet HTML 7Page - Linear Technology LTC2270 Datasheet HTML 8Page - Linear Technology LTC2270 Datasheet HTML 9Page - Linear Technology LTC2270 Datasheet HTML 10Page - Linear Technology LTC2270 Datasheet HTML 11Page - Linear Technology LTC2270 Datasheet HTML 12Page - Linear Technology LTC2270 Datasheet HTML 13Page - Linear Technology LTC2270 Datasheet HTML 14Page - Linear Technology LTC2270 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
2270f
LTC2270
PINS THAT ARE THE SAME FOR ALL DIGITAL
OUTPUT MODES
VDD (Pins 1, 16, 17, 64): Analog Power Supply, 1.7V to
1.9V. Bypass to ground with 0.1μF ceramic capacitors.
Adjacent pins can share a bypass capacitor.
VCM1 (Pin 2): Common Mode Bias Output, nominally equal
to VDD/2. VCM1 should be used to bias the common mode
of the analog inputs to channel 1. Bypass to ground with
a 1μF ceramic capacitor.
GND (Pins 3, 6, 14): ADC Power Ground.
AIN1+ (Pin 4): Channel 1 Positive Differential Analog
Input.
AIN1– (Pin 5): Channel 1 Negative Differential Analog
Input.
REFH (Pins 7, 9): ADC High Reference. See the Applica-
tions Information section for recommended bypassing
circuits for REFH and REFL.
REFL (Pins 8, 10): ADC Low Reference. See the Applica-
tions Information section for recommended bypassing
circuits for REFH and REFL.
PAR/SER (Pin 11): Programming mode selection pin. Con-
nect to ground to enable the serial programming mode.
CS, SCK, SDI, SDO become a serial interface that control
the A/D operating modes. Connect to VDD to enable the
parallel programming mode where CS, SCK, SDI, SDO
become parallel logic inputs that control a reduced set of
the A/D operating modes. PAR/SER should be connected
directly to ground or VDD and not be driven by a logic signal.
AIN2+ (Pin 12): Channel 2 Positive Differential Analog
Input.
AIN2– (Pin 13): Channel 2 Negative Differential Analog
Input.
VCM2 (Pin 15): Common Mode Bias Output, nominally
equal to VDD/2. VCM2 should be used to bias the common
mode of the analog inputs to channel 2. Bypass to ground
with a 1μF ceramic capacitor.
ENC+ (Pin 18):
Encode Input. Conversion starts on the
rising edge.
ENC(Pin 19): Encode Complement Input. Conversion
starts on the falling edge. Tie to GND for single-ended
encode mode.
CS (Pin 20): In serial programming mode, (PAR/SER =
0V), CS is the Serial Interface Chip Select Input. When CS
is low, SCK is enabled for shifting data on SDI into the
mode control registers. In the parallel programming mode
(PAR/SER = VDD),CScontrolstheclockdutycyclestabilizer
(See Table 2). CS can be driven with 1.8V to 3.3V logic.
SCK (Pin 21): In serial programming mode, (PAR/SER =
0V), SCK is the Serial Interface Clock Input. In the parallel
programming mode (PAR/SER = VDD), SCK controls the
digital output mode. (See Table 2). SCK can be driven with
1.8V to 3.3V logic.
SDI (Pin 22): In serial programming mode, (PAR/SER =
0V), SDI is the Serial Interface Data Input. Data on SDI
is clocked into the mode control registers on the rising
edge of SCK. In the parallel programming mode (PAR/
SER = VDD), SDI can be used together with SDO to power
down the part (see Table 2). SDI can be driven with 1.8V
to 3.3V logic.
OGND (Pin 41): Output Driver Ground. Must be shorted
to the ground plane by a very low inductance path. Use
multiple vias close to the pin.
OVDD (Pin 42): Output Driver Supply. Bypass to ground
with a 0.1μF ceramic capacitor.
SDO (Pin 61): In serial programming mode, (PAR/SER
= 0V), SDO is the optional Serial Interface Data Output.
Data on SDO is read back from the mode control regis-
ters and can be latched on the falling edge of SCK. SDO
is an open-drain NMOS output that requires an external
2k pull-up resistor to 1.8V – 3.3V. If read back from the
mode control registers is not needed, the pull-up resistor
is not necessary and SDO can be left unconnected. In the
parallel programming mode (PAR/SER = VDD), SDO can
be used together with SDI to power down the part (see
Table 2). When used as an input, SDO can be driven with
1.8V to 3.3V logic through a 1k series resistor.
PIN FUNCTIONS


Similar Part No. - LTC2270

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
More results

Similar Description - LTC2270

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2271 LINER-LTC2271 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com