Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

335224B00034G Datasheet(PDF) 57 Page - Aavid, Thermal Division of Boyd Corporation

Part # 335224B00034G
Description  Channel style heat sink with folded back fins
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

335224B00034G Datasheet(HTML) 57 Page - Aavid, Thermal Division of Boyd Corporation

Back Button 335224B00034G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation 335224B00034G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation 335224B00034G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation 335224B00034G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation 335224B00034G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation 335224B00034G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation 335224B00034G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation 335224B00034G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation 335224B00034G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
57
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 & TO-218 & TO-247 Heat Sinks
7.62
(0.300)
16.51
(0.650)
25.65
(1.01)
REF
6.60
(0.260)
2.39
(0.093)
3.96
(0.156)
17.02
(0.670)
41.91
(1.650)
25.40
(1.000)
25.40
(1.000)
"B"
"A"
3.18 (0.125)
X 0.64 (0.025)
HIGH DITTIN
2x
2x
ø
ø
A
A
3.17
(0.125)
VIEW A-A
SINGLE HEAT SINK DEVICE
17.02
(0.670)
41.91
(1.650)
25.40
(1.000)
VIEW A-A
DUAL HEAT SINK DEVICE
12.70
(0.500)
13.72
(0.540)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
5334XX
5335XX
Extruded heat sink with large
radial fins and channel clip
attach feature makes device
attachment easy. Includes clip
and two solderable mounting
pins which permit vertical
mounting and eliminate stress
on device leads. Available in
four heights for TO-220, TO-218,
and TO-247 devices.
5334, 5335, 5336, 5337 Extruded heat sink with large radial fins
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Device
Description
“A” Dim
“B” Dim
533401B02552G
TO-218, TO-247
Extruded heat sink with radial fins and device clip #52
38.10 (1.500)
21.59 (0.850)
2.67 (0.105)
533402B02552G
TO-220
Extruded heat sink with radial fins and device clip #52
38.10 (1.500)
18.29 (0.720)
2.67 (0.105)
533421B02552G
Dual TO-218, TO-247
With 2 device clips #52
38.10 (1.500)
21.59 (0.850)
2.67 (0.105)
533422B02552G
Dual TO-220
With 2 device clips #52
38.10 (1.500)
18.29 (0.720)
2.67 (0.105)
533501B02552G
TO-218, TO-247
Extruded heat sink with radial fins and device clip #52
50.80 (2.000)
21.59 (0.850)
2.67 (0.105)
533502B02552G
TO-220
Extruded heat sink with radial fins and device clip #52
50.80 (2.000)
18.29 (0.720)
2.67 (0.105)
533521B02552G
Dual TO-218, TO-247
With 2 device clips #52
50.80 (2.000)
21.59 (0.850)
2.67 (0.105)
533522B02552G
Dual TO-220
With 2 device clips #52
50.80 (2.000)
18.29 (0.720)
2.67 (0.105)
533601B02552G
TO-218, TO-247
Extruded heat sink with radial fins and device clip #52
63.50 (2.500)
21.59 (0.850)
2.67 (0.105)
533602B02552G
TO-220
Extruded heat sink with radial fins and device clip #52
63.50 (2.500)
18.29 (0.720)
2.67 (0.105)
533621B02552G
Dual TO-218, TO-247
With 2 device clips #52
63.50 (2.500)
21.59 (0.850)
2.67 (0.105)
533622B02552G
Dual TO-220
With 2 device clips #52
63.50 (2.500)
18.29 (0.720)
2.67 (0.105)
533701B02552G
TO-218, TO-247
Extruded heat sink with radial fins and device clip #52
25.40 (1.000)
21.59 (0.850)
2.67 (0.105)
533702B02552G
TO-220
Extruded heat sink with radial fins and device clip #52
25.40 (1.000)
18.29 (0.720)
2.67 (0.105)
533721B02552G
Dual TO-218, TO-247
With 2 device clips #52
25.40 (1.000)
21.59 (0.850)
2.67 (0.105)
533722B02552G
Dual TO-220
With 2 device clips #52
25.40 (1.000)
18.29 (0.720)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
5336XX
5337XX
For additional options see page 83
CLIP 52
Grease
Epoxy
&
page112
SEE NOTE 1
SEE NOTE 1
NOTE 1: Graph depicts single device models. Dual device models
exhibit a 15% performance increase.


Similar Part No. - 335224B00034G

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
335224B00034G AAVID-335224B00034G Datasheet
8Mb / 116P
   How to Use This Catalog
More results

Similar Description - 335224B00034G

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB_16 Datasheet
200Kb / 1P
   Forged Heat Skins With Pin Fins
logo
Richtek Technology Corp...
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com