Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1208 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1208
Description  Eight LVPECL Output, High-Performance Clock 2:8 Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1208 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVP1208 Datasheet HTML 1Page - Texas Instruments CDCLVP1208 Datasheet HTML 2Page - Texas Instruments CDCLVP1208 Datasheet HTML 3Page - Texas Instruments CDCLVP1208 Datasheet HTML 4Page - Texas Instruments CDCLVP1208 Datasheet HTML 5Page - Texas Instruments CDCLVP1208 Datasheet HTML 6Page - Texas Instruments CDCLVP1208 Datasheet HTML 7Page - Texas Instruments CDCLVP1208 Datasheet HTML 8Page - Texas Instruments CDCLVP1208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CDCLVP1208
LVPECL
8
8
Reference
Generator
GND
GND
OUTP[7...0]
OUTN[7...0]
V
AC_REF
V
CC
V
CC
V
CC
INP0
INN0
INP1
INN1
IN_SEL
CDCLVP1208
www.ti.com
SCAS890B
– OCTOBER 2009 – REVISED AUGUST 2011
Eight LVPECL Output,
High-Performance Clock 2:8 Buffer
Check for Samples: CDCLVP1208
1
FEATURES
DESCRIPTION
The CDCLVP1208 is a highly versatile, low additive
2
2:8 Differential Buffer
jitter buffer that can generate eight copies of LVPECL
Selectable Clock Inputs Through Control Pin
clock outputs from one of two selectable LVPECL,
Universal Inputs Accept LVPECL, LVDS, and
LVDS,
or
LVCMOS
inputs
for
a
variety
of
LVCMOS/LVTTL
communication applications. It has a maximum clock
frequency up to 2 GHz. The CDCLVP1208 features
Eight LVPECL Outputs
an on-chip multiplexer (MUX) for selecting one of two
Maximum Clock Frequency: 2 GHz
inputs that can be easily configured solely through a
Maximum Core Current Consumption: 73 mA
control pin. The overall additive jitter performance is
less than 0.1 ps, RMS from 10 kHz to 20 MHz, and
Very Low Additive Jitter:
<100 fs,rms in 10-kHz
overall output skew is as low as 20 ps, making the
to 20-MHz Offset Range
device a perfect choice for use in demanding
2.375 V to 3.6 V Device Power Supply
applications.
Maximum Propagation Delay: 450 ps
The CDCLVP1208 clock buffer distributes one of two
Maximum Output Skew: 20 ps
selectable clock inputs (IN0, IN1) to eight pairs of
LVPECL Reference Voltage, VAC_REF, Available
differential LVPECL clock outputs (OUT0, OUT7) with
minimum
skew
for
clock
distribution.
The
for Capacitive-Coupled Inputs
CDCLVP1208 can accept two clock sources into an
Industrial Temperature Range:
–40°C to +85°C
input multiplexer. The inputs can be LVPECL, LVDS,
ESD Protection Exceeds 2 kV (HBM)
or LVCMOS/LVTTL.
Available in 5-mm
× 5-mm QFN-28 (RHD)
The CDCLVP1208 is specifically designed for driving
Package
50-
Ω transmission lines. When driving the inputs in
single-ended
mode,
the
LVPECL
bias
voltage
APPLICATIONS
(VAC_REF) should be applied to the unused negative
input pin. However, for high-speed performance up to
Wireless Communications
2 GHz, differential mode is strongly recommended.
Telecommunications/Networking
The CDCLVP1208 is packaged in a small 28-pin,
Medical Imaging
5-mm x 5-mm QFN package and is characterized for
Test and Measurement Equipment
operation from
–40°C to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVP1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTR TI-CDCLVP1204RGTR Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTR TI1-CDCLVP1204RGTR Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI1-CDCLVP1204RGTT Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com