Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVD1213RGTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVD1213RGTR
Description  1:4 Low Additive Jitter LVDS Buffer With Divider
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1213RGTR Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVD1213RGTR Datasheet HTML 1Page - Texas Instruments CDCLVD1213RGTR Datasheet HTML 2Page - Texas Instruments CDCLVD1213RGTR Datasheet HTML 3Page - Texas Instruments CDCLVD1213RGTR Datasheet HTML 4Page - Texas Instruments CDCLVD1213RGTR Datasheet HTML 5Page - Texas Instruments CDCLVD1213RGTR Datasheet HTML 6Page - Texas Instruments CDCLVD1213RGTR Datasheet HTML 7Page - Texas Instruments CDCLVD1213RGTR Datasheet HTML 8Page - Texas Instruments CDCLVD1213RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CDCLVD1213
www.ti.com
SCAS897 – JULY 2010
PIN DESCRIPTIONS
CDCLVD1213 Pin Descriptions
PIN
TYPE
DESCRIPTION
NAME
NO.
VCC
5, 10
Power
2.5 V supply for the device
GND
1, 9
Ground
Device ground
INP, INN
7, 6
Input
Differential input pair
VT
8
Input
Input for threshold voltage
QDP, QDN
2,3
Output
Differential divided LVDS output pair
QP0, QN0
11,12
Output
Differential LVDS output pair no. 0
QP1, QN1
13,14
Output
Differential LVDS output pair no. 1
QP2, QN2
15,16
Output
Differential LVDS output pair no. 2
Input with an internal
DIV
4
200k
Ω pull-up and
Divider selection – selects divider ratio for QD output; (See Table 1)
pull-down
Thermal Pad
See thermal management recommendations
Table 1. Divider Selection Table
DIV
DIVIDER RATIO
0
/1
open
/2
1
/4
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted).
(1)
VALUE
UNIT
Supply voltage range, VCC
–0.3 to 2.8
V
Input voltage range, VI
–0.2 to VCC +0.2
V
Output voltage range, VO
–0.2 to VCC+0.2
V
Driver short circuit current , IOSD
See Note(2)
Electrostatic discharge (Human Body Model 1.5 k
Ω, 100 pF)
>3000
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The output can handle the permanent short.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
MIN
TYP
MAX
UNIT
Device supply voltage, VCC
2.375
2.5
2.625
V
Ambient temperature, TA
–40
85
°C
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVD1213


Similar Part No. - CDCLVD1213RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1212RHAR TI1-CDCLVD1212RHAR Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1212RHAT TI1-CDCLVD1212RHAT Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
CDCLVD1216RGZR TI1-CDCLVD1216RGZR Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
More results

Similar Description - CDCLVD1213RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
[Old version datasheet]   Dual 1:4 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
[Old version datasheet]   Dual 1:8 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com