Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD4093B-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. CD4093B-Q1
Description  CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4093B-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  CD4093B-Q1 Datasheet HTML 1Page - Texas Instruments CD4093B-Q1 Datasheet HTML 2Page - Texas Instruments CD4093B-Q1 Datasheet HTML 3Page - Texas Instruments CD4093B-Q1 Datasheet HTML 4Page - Texas Instruments CD4093B-Q1 Datasheet HTML 5Page - Texas Instruments CD4093B-Q1 Datasheet HTML 6Page - Texas Instruments CD4093B-Q1 Datasheet HTML 7Page - Texas Instruments CD4093B-Q1 Datasheet HTML 8Page - Texas Instruments CD4093B-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CD4093B-Q1
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
SCLS608A − MARCH 2005 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Schmitt-Trigger Action on Each Input With
No External Components
D Hysteresis Voltage Typically 0.9 V at
VDD = 5 V and 2.3 V at VDD = 10 V
D Noise Immunity Greater Than 50%
D No Limit on Input Rise and Fall Times
D Standardized, Symmetrical Output
Characteristics
D 100% Tested for Quiescent Current at 20 V
D Maximum Input Current of 1mA at 18 V Over
Full Package Temperature Range, 100 nA at
18 V and 25
°C
D 5-V, 10-V, and 15-V Parametric Ratings
D ESD Protection Level Per AEC-Q100
Classification
− 2000-V (H2) Human-Body Model
− 200-V (M3) Machine-Model
− 1000-V (C5) Charge-Device Model
D Applications
− Wave and Pulse Shapers
− High-Noise-Environment Systems
− Monostable Multivibrators
− Astable Multivibrators
− NAND Logic
M PACKAGE
(TOP VIEW)
A
B
J = A
• B
K = C
• D
C
D
VSS
VDD
H
G
M = G
• H
L = E
• F
F
E
1
2
3
4
5
6
7
14
13
12
11
10
9
8
description/ordering information
The CD4093B consists of four Schmitt-trigger circuits. Each circuit functions as a two-input NAND gate, with
Schmitt-trigger action on both inputs. The gate switches at different points for positive- and negative-going
signals. The difference between the positive voltage (VP) and the negative voltage (VN) is defined as hysteresis
voltage (VH) (see Figure 2).
The CD4093B is available in 14-lead small-outline plastic package (M96) and 14-lead thin shrink small-outline
packages (PWR suffixes).
ORDERING INFORMATION{
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC (M)
Reel of 2000
CD4093BQM96Q1
CD4093BQ
For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - CD4093B-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CD4093B-MIL TI1-CD4093B-MIL Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093B-W TI1-CD4093B-W Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
More results

Similar Description - CD4093B-Q1

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
List of Unclassifed Manufacturers
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
Texas Instruments
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
NXP Semiconductors
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
ON Semiconductor
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
Fairchild Semiconductor
Fairchild Semiconductor
CD4093BC FAIRCHILD-CD4093BC_02 Datasheet
91Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
NXP Semiconductors
NXP Semiconductors
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
ON Semiconductor
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz