Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4093B-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD4093B-Q1
Description  CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4093B-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  CD4093B-Q1 Datasheet HTML 1Page - Texas Instruments CD4093B-Q1 Datasheet HTML 2Page - Texas Instruments CD4093B-Q1 Datasheet HTML 3Page - Texas Instruments CD4093B-Q1 Datasheet HTML 4Page - Texas Instruments CD4093B-Q1 Datasheet HTML 5Page - Texas Instruments CD4093B-Q1 Datasheet HTML 6Page - Texas Instruments CD4093B-Q1 Datasheet HTML 7Page - Texas Instruments CD4093B-Q1 Datasheet HTML 8Page - Texas Instruments CD4093B-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CD4093B-Q1
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
SCLS608A − MARCH 2005 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13. Typical Power Dissipation
vs Frequency Characteristics
Figure 14. Typical Power Dissipation
vs Rise and Fall Times
APPLICATION INFORMATION
Figure 15. Wave Shaper
Figure 16. Monostable Multivibrator
To Control
Signal or
VDD
50 k
Ω 3 R 3 1 MΩ
100 pF
3 C 3 1 µF
For the Range of R and C
Given 2 ms < tA < 0.4 s
tA
VDD
VSS
VP
tA + RC n
VP
VN
VDD*V
N
VDD*V
P
VSS
Figure 17. Astable Multivibrator


Similar Part No. - CD4093B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4093B-MIL TI1-CD4093B-MIL Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093B-W TI1-CD4093B-W Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
More results

Similar Description - CD4093B-Q1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com