Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34709 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC34709
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34709 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34709 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34709 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34709 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34709 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34709 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34709 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34709 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34709 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34709 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 142 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
10
34709
Pin Connections
J12
GNDREG2
GND
-
1
Ground for Regulator 2
C8
GPIOVDD
I
2.5
1
Supply for GPIOLV pins
C7
GPIOLV0
I/O
2.5
1
General purpose input/output 1
B7
GPIOLV1
I/O
2.5
1
General purpose input/output 2
B9
GPIOLV2
I/O
2.5
1
General purpose input/output 3
E10
GPIOLV3
I/O
2.5
1
General purpose input/output 4
A8
PWM1
O
2.5
1
PWM output 1
A7
PWM2
O
2.5
1
PWM output 2
C9
GNDGPIO
GND
-
1
GPIO ground
Clock/RTC/Coin Cell
M2
LICELL
I
3.6
1
1. Coin cell supply input
O
2. Coin cell charger output
E1
XTAL1
I
2.5
1
32.768 kHz Oscillator crystal connection 1
G1
XTAL2
I
2.5
1
32.768 kHz Oscillator crystal connection 2
F1
GNDRTC
GND
-
1
Ground for the RTC block
F3
CLK32KVCC
I
3.6
1
Supply voltage for 32 k buffer
E3
CLK32K
O
3.6
1
32 kHz Clock output for peripherals
G3
CLK32KMCU
O
3.6
1
32 kHz Clock output for processor
Control Logic
B5
RESETB
O
3.6
1
Reset output for peripherals
D5
RESETBMCU
O
3.6
1
Reset output for processor
K3
WDI
I
3.6
1
Watchdog input
P1
STANDBY
I
3.6
1
Standby input signal from processor
B4
INT
O
3.6
1
Interrupt to processor
A6
PWRON1
I
3.6
1
Power on/off button connection 1
E5
PWRON2
I
3.6
1
Power on/off button connection 2
A5
GLBRST
I
3.6
1
Global Reset
G6
PUMS1
I
3.6
1
Power up mode supply setting 1
G5
PUMS2
I
3.6
1
Power up mode supply setting 2
F6
PUMS3
I
3.6
1
Power up mode supply setting 3
F5
PUMS4
I
3.6
1
Power up mode supply setting 4
E6
PUMS5
I
3.6
1
Power up mode supply setting 5
A9
ICTEST
I
3.6
1
Normal mode, test mode selection, & anti-fuse bias
B6
GNDCTRL
GND
-
1
Ground for control logic
A4
SPIVCC
I
3.6
1
Supply for SPI bus
B2
CS
I
3.6
1
Primary SPI select input
B1
CLK
I
3.6
1
Primary SPI clock input
Table 3. Pin Definitions (continued)
Pin Number
Pin Name
Pin
Function
Rating
[V]
# Balls
Definition


Similar Part No. - MC34709

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3470 TI-MC3470 Datasheet
285Kb / 8P
[Old version datasheet]   FLOPPY DISK READ-AMPLIFIER SYSTEMS
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700 FREESCALE-MC34700 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EP/R2 FREESCALE-MC34700EP/R2 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
More results

Similar Description - MC34709

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34708 FREESCALE-MC34708 Datasheet
5Mb / 159P
   Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
logo
NXP Semiconductors
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
logo
Freescale Semiconductor...
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
   Power Management Integrated Circuit (PMIC) for the i.MX35/51
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
   14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com