Electronic Components Datasheet Search |
|
CD74HC125QM96G4Q1 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD74HC125QM96G4Q1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 13 page CD74HC125-Q1 HIGH-SPEED CMOS LOGIC QUAD BUFFER WITH 3-STATE OUTPUTS SCLS579A − APRIL 2004 − REVISED SEPTEMBER 2008 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Qualified for Automotive Applications D 3-State Outputs D Separate Output Enable Inputs D Fanout (Over Temperature Range) − Standard Outputs ... 10 LSTTL Loads − Bus Driver Outputs ... 15 LSTTL Loads D Extended Temperature Performance of −40 °C to 125°C D Balanced Propagation Delay and Transition Times D Significant Power Reduction, Compared to LSTTL Logic ICs D 2-V to 6-V V CC Operation D High Noise Immunity N IL or NIH = 30% of VCC at VCC = 5 V description/ordering information The CD74HC125 contains four independent 3-state buffers, each having its own output enable input which, when HIGH, puts the output in the high-impedance state. ORDERING INFORMATION{ TA PACKAGE‡ ORDERABLE PART NUMBER TOP-SIDE MARKING 40 °C to 125°C SOIC − M Reel of 2500 CD74HC125QM96Q1 HC125Q −40 °C to 125°C TSSOP − PW Reel of 2000 CD74HC125QPWRQ1 HC125Q † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. FUNCTION TABLE (each gate) INPUTS OUTPUT A OE OUTPUT Y H L H L LL X H Z Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OE 1A 1Y 2OE 2A 2Y GND VCC 4OE 4A 4Y 3OE 3A 3Y M OR PW PACKAGE (TOP VIEW) Copyright 2008, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - CD74HC125QM96G4Q1 |
|
Similar Description - CD74HC125QM96G4Q1 |