Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1121 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC1121
Description  High Performance Low Power RF Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1121 Datasheet(HTML) 3 Page - Texas Instruments

  CC1121 Datasheet HTML 1Page - Texas Instruments CC1121 Datasheet HTML 2Page - Texas Instruments CC1121 Datasheet HTML 3Page - Texas Instruments CC1121 Datasheet HTML 4Page - Texas Instruments CC1121 Datasheet HTML 5Page - Texas Instruments CC1121 Datasheet HTML 6Page - Texas Instruments CC1121 Datasheet HTML 7Page - Texas Instruments CC1121 Datasheet HTML 8Page - Texas Instruments CC1121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
CC1121
SWRS111B – REVISED APRIL 2012
Page 3 of 22
PRODUCTION DATA information is current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
1
Electrical Specifications
All measurements performed on CC1120EM_868_915 rev.1.0.1, CC1120EM_955 rev.1.2.1, CC1120EM_420_470
rev.1.0.1 or CC1120EM_169 rev.1.2
1.1
Absolute Max Ratings
Parameter
Min
Typ
Max
Unit
Condition
Supply Voltage
-0.3
3.9
V
Storage Temperature Range
-40
125
°C
ESD
2000
V
HBM
ESD
500
V
CDM
Input RF level
+10
dBm
Voltage on Any Digital Pin
-0.3
3.9
V
Voltage on Analog Pins (including “DCPL”
pins)
-0.3
2.0
V
1.2
General Characteristics
Parameter
Min
Typ
Max
Unit
Condition
Voltage Supply Range
2.0
3.6
V
Temperature Range
-40
85
°C
1.3
RF Characteristics
Parameter
Min
Typ
Max
Unit
Condition
820
960
MHz
410
480
MHz
274
320
MHz
Please see application note AN115
“Using the CC112x/CC1175 at 274
to 320 MHz” for more information
Frequency Bands
164
192
MHz
30
Hz
In 820-960 MHz band
15
Hz
In 410-480 MHz band
Frequency Resolution
6
Hz
In 164-192 MHz band
0
200
kbps
Packet mode
Datarate
0
100
kbps
Transparent mode
Datarate Step Size
1e-4
bps


Similar Part No. - CC1121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1121 TI-CC1121 Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
CC1121RHBR TI1-CC1121RHBR Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1121RHMR TI1-CC1121RHMR Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1121RHMT TI1-CC1121RHMT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
More results

Similar Description - CC1121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1121 TI-CC1121_15 Datasheet
1Mb / 36P
[Old version datasheet]   CC1121 High-Performance Low-Power RF Transceiver
CC1200 TI-CC1200_15 Datasheet
1Mb / 35P
[Old version datasheet]   CC1200 Low-Power, High-Performance RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC400 TI-CC400_V03 Datasheet
575Kb / 31P
[Old version datasheet]   Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC1125 TI1-CC1125_16 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-High Performance RF Narrowband Transceiver
CC400 TI-CC400_V02 Datasheet
575Kb / 31P
[Old version datasheet]   Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com