Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24273 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24273
Description  2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24273 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ24273 Datasheet HTML 17Page - Texas Instruments BQ24273 Datasheet HTML 18Page - Texas Instruments BQ24273 Datasheet HTML 19Page - Texas Instruments BQ24273 Datasheet HTML 20Page - Texas Instruments BQ24273 Datasheet HTML 21Page - Texas Instruments BQ24273 Datasheet HTML 22Page - Texas Instruments BQ24273 Datasheet HTML 23Page - Texas Instruments BQ24273 Datasheet HTML 24Page - Texas Instruments BQ24273 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
(
)
(
)
TEMPRISE
LOAD
PEAK
LOAD
I
I
D
I
I
1.5A
0.2
2.5A
1.5A
1.7A
=
+
´
-
=
+
´
-
=
RIPPPLE
PEAK
LO AD (MAX )
%
I
I
1
2
æ
ö
=
´
+
ç
÷
è
ø
bq24273
www.ti.com
SLUSB08 – JUNE 2012
APPLICATION INFORMATION
OUTPUT INDUCTOR AND CAPACITOR SELECTION GUIDELINES
When selecting an inductor, several attributes must be examined to find the right part for the application. First,
the inductance value should be selected. The bq24273 is designed to work with 1.5µH to 2.2µH inductors. The
chosen value will have an effect on efficiency and package size. Due to the smaller current ripple, some
efficiency gain is reached using the 2.2µH inductor, however, due to the physical size of the inductor, this may
not be a viable option. The 1.5µH inductor provides a good tradeoff between size and efficiency.
Once the inductance has been selected, the peak current must be calculated in order to choose the current
rating of the inductor. Use equation 2 to calculate the peak current.
(5)
The inductor selected must have a saturation current rating less than or equal to the calculated IPEAK. Due to the
high currents possible with the bq24273, a thermal analysis must also be done for the inductor. Many inductors
have 40°C temperature rise rating. This is the DC current that will cause a 40°C temperature rise above the
ambient temperature in the inductor. For this analysis, the typical load current may be used adjusted for the duty
cycle of the load transients. For example, if the application requires a 1.5A DC load with peaks at 2.5A 20% of
the time, a
Δ40°C temperature rise current must be greater than 1.7A:
(6)
The bq24273 provides internal loop compensation. Using this scheme, the bq24273 is stable with 10µF to 200µF
of local capacitance. The capacitance on the BAT rail can be higher if distributed amongst the rail. To reduce the
output voltage ripple, a ceramic capacitor with the capacitance between 10µF and 47µF is recommended for
local bypass to CS+.
PCB LAYOUT GUIDELINES
It is important to pay special attention to the PCB layout. The following provides some guidelines:
To obtain optimal performance, the power input capacitors, connected from the PMID input to PGND, must be
placed as close as possible to the bq24273
Place 4.7µF input capacitor as close to PMID pin and PGND pin as possible to make high frequency current
loop area as small as possible. Place 1µF input capacitor GNDs as close to the respective PMID cap GND
and PGND pins as possible to minimize the ground difference between the input and PMID_.
The local bypass capacitor from CS+ to GND should be connected between the CS+ pin and PGND of the
IC. The intent is to minimize the current path loop area from the SW pin through the LC filter and back to the
PGND pin.
Place all decoupling capacitor close to their respective IC pin and as close as to PGND (do not place
components such that routing interrupts power stage currents). All small control signals should be routed
away from the high current paths.
The PCB should have a ground plane (return) connected directly to the return of all components through vias
(two vias per capacitor for power-stage capacitors, one via per capacitor for small-signal components). It is
also recommended to put vias inside the PGND pads for the IC, if possible. A star ground design approach is
typically used to keep circuit block currents isolated (high-power/low-power small-signal) which reduces noise-
coupling and ground-bounce issues. A single ground plane for this design gives good results. With this small
layout and a single ground plane, there is no ground-bounce issue, and having the components segregated
minimizes coupling between signals.
The high-current charge paths into IN, BAT, CS+ and from the SW pins must be sized appropriately for the
maximum charge current in order to avoid voltage drops in these traces. The PGND pins should be
connected to the ground plane to return current through the internal low-side FET.
For high-current applications, the balls for the power paths should be connected to as much copper in the
board as possible. This allows better thermal performance as the board pulls heat away from the IC.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :bq24273


Similar Part No. - BQ24273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGER TI-BQ24270RGER Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270RGET TI-BQ24270RGET Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFR TI-BQ24270YFFR Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270YFFT TI-BQ24270YFFT Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
More results

Similar Description - BQ24273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
uPI Group Inc.
UP8011 UPI-UP8011 Datasheet
167Kb / 12P
   Highly Integrated Single-Cell Li-ion Battery Charger
logo
Texas Instruments
BQ24266 TI-BQ24266_15 Datasheet
5Mb / 41P
[Old version datasheet]   bq24266 3A, 30V Standalone Single-Input, Single-Cell Switchmode Li-Ion Battery Charger
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com