Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVCE6467T-2 Datasheet(PDF) 10 Page - Texas Instruments

Part # AVCE6467T-2
Description  24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AVCE6467T-2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AVCE6467T-2 Datasheet HTML 6Page - Texas Instruments AVCE6467T-2 Datasheet HTML 7Page - Texas Instruments AVCE6467T-2 Datasheet HTML 8Page - Texas Instruments AVCE6467T-2 Datasheet HTML 9Page - Texas Instruments AVCE6467T-2 Datasheet HTML 10Page - Texas Instruments AVCE6467T-2 Datasheet HTML 11Page - Texas Instruments AVCE6467T-2 Datasheet HTML 12Page - Texas Instruments AVCE6467T-2 Datasheet HTML 13Page - Texas Instruments AVCE6467T-2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN74AVCH24T245
24BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES588B – AUGUST 2004 − REVISED MARCH 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCCA =
VCCB = 1.2 V
VCCA =
VCCB = 1.5 V
VCCA =
VCCB = 1.8 V
VCCA =
VCCB = 2.5 V
VCCA =
VCCB = 3.3 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
A to B
Outputs
enabled
1
1
1
2
2
CpdA†
A to B
Outputs
disabled
CL = 0,
f = 10 MHz,
1
1
1
1
2
pF
CpdA†
B to A
Outputs
enabled
f = 10 MHz,
tr = tf = 1 ns
19
19
20
21
22
pF
B to A
Outputs
disabled
1
1
1
1
1
A to B
Outputs
enabled
19
19
20
21
22
CpdB†
A to B
Outputs
disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdB†
B to A
Outputs
enabled
L
f = 10 MHz,
tr = tf = 1 ns
1
1
1
2
2
pF
B to A
Outputs
disabled
1
1
1
1
2
† Power dissipation capacitance per transceiver


Similar Part No. - AVCE6467T-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AVCE6467T-3 TI1-AVCE6467T-3 Datasheet
2Mb / 352P
[Old version datasheet]   VCE6467T, AVCE6467T Digital Media System-on-Chip
More results

Similar Description - AVCE6467T-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI1-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_V01 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com