Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7222IRGC25 Datasheet(PDF) 15 Page - Texas Instruments

Part # AFE7222IRGC25
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7222IRGC25 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AFE7222IRGC25 Datasheet HTML 11Page - Texas Instruments AFE7222IRGC25 Datasheet HTML 12Page - Texas Instruments AFE7222IRGC25 Datasheet HTML 13Page - Texas Instruments AFE7222IRGC25 Datasheet HTML 14Page - Texas Instruments AFE7222IRGC25 Datasheet HTML 15Page - Texas Instruments AFE7222IRGC25 Datasheet HTML 16Page - Texas Instruments AFE7222IRGC25 Datasheet HTML 17Page - Texas Instruments AFE7222IRGC25 Datasheet HTML 18Page - Texas Instruments AFE7222IRGC25 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 106 page
background image
AFE7222
AFE7225
www.ti.com
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
3.11
TIMING REQUIREMENTS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, unless otherwise noted.
AFE7222
AFE7225
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SCLK INPUT
tSCLK
CLOCK period
25
25
ns
tSCLKH
CLOCK pulse width high
12.5
12.5
ns
Assuming 50/50 duty cycle
tSCLKL
CLOCK pulse width low
12.5
12.5
ns
3.12
TIMING REQUIREMENTS FOR RECEIVE PATH – LVDS AND CMOS MODES
Typical values are at 25°C, AVDD3_DAC = 3.0 V, AVDD3_AUX = 3.0 V, AVDD18_ADC = 1.8 V, DVDD18_CLK = 1.8 V,
DVDD18_DAC = 1.8 V, DVDD18 = 1.8 V, sampling frequency = 125 MSPS, sine wave input clock, 1.5 Vpp clock amplitude,
CLOAD = 5 pF
(1), R
LOAD = 100 Ω
(2), unless otherwise noted. Min and max values are across the full temperature range T
MIN = -
40°C to TMAX = 85°C, AVDD3_DAC = 3.0 V, AVDD3_AUX = 3.0 V, AVDD18_ADC = 1.8 V, DVDD18_CLK = 1.8 V,
DVDD18_DAC = 1.8 V, DVDD18 = 1.7 V to 1.9 V
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
TA
Aperture delay
2
ns
Aperture delay matching
Between two channels on the same device
±120
ps
Aperture delay matching
Between two devices at same temperature and DVDD18 supply
±450
ps
Jitter added by internal clock distribution, specified as it relates
TJ
Aperture jitter
250
fs rms
to the receive ADC
Default Mode
16
Mixer Enabled (RX_MIXER_EN = 1)
33
clock
ADC Latency(3)
cycles
RX QMC Gain Phase Correction Enabled
22
(RX_QMC_CORR_ENA=1, RX_QMC_CORR_ENB=1)
LVDS OUTPUT INTERFACE
2-WIRE MODE, DDR CLOCK(4), Sampling frequency = 125MSPS
tsu
Data setup time (5)
Data valid(5) to zero-crossing of CLKOUTP
0.29
0.42
ns
th
Data hold time (5)
Zero-crossing of CLKOUTP to data becoming invalid (5)
0.3
0.47
ns
tPDI
Clock propagation delay
Input clock rising edge cross-over to output clock rising edge
tPDI = tDELAY
ns
cross-over 10 MSPS
≤ Sampling frequency ≤ 125 MSPS Ts =
tdelay
11.5
13.8
15.5
ns
1/Sampling frequency
Variation of tdelay
Between two devices at same temperature and DVDD18 supply
±300
ps
Duty cycle of differential clock, (ADC_DCLKOUTP-
LVDS bit clock duty cycle
ADC_DCLKOUTM) 10 MSPS
≤ Sampling frequency ≤ 125
50%
MSPS
2-WIRE MODE, SDR CLOCK(4), Sampling frequency = 65MSPS
tsu
Data setup time (5)
Data valid (5) to zero-crossing of CLKOUTP
0.85
1.08
ns
th
Data hold time (5)
Zero-crossing of CLKOUTP to data becoming invalid (5)
1.08
1.21
ns
Input clock rising edge cross-over to output clock rising edge
tPDI
Clock propagation delay
cross-over 10 MSPS
≤ Sampling frequency ≤ 65 MSPS Ts =
tPDI = 0.5*Ts + tDELAY
ns
1/Sampling frequency
tdelay
11.5
14
16.5
ns
Variation of tdelay
Between two devices at same temperature and DVDD18 supply
±300
ps
Duty cycle of differential clock, (CLKOUTP-CLKOUTM) 10
LVDS bit clock duty cycle
50%
MSPS
≤ Sampling frequency ≤ 65 MSPS
1-WIRE MODE (DDR CLOCK ONLY)(4), Sampling frequency = 65MSPS
tsu
Data setup time (5)
Data valid (5) to zero-crossing of CLKOUTP
0.25
0.39
ns
(1)
CLOAD is the effective external single-ended load capacitance between each output pin and ground
(2)
RLOAD is the differential load resistance between the LVDS output pair.
(3)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(4)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and the load. Setup and hold
time specifications take into account the effect of jitter on the output data and clock.
(5)
Data valid refers to LOGIC HIGH of +100.0 mV and LOGIC LOW of -100.0 mV.
Copyright © 2011–2012, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
15
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7222IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7222IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com