Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7222IRGCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7222IRGCR
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7222IRGCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE7222IRGCR Datasheet HTML 7Page - Texas Instruments AFE7222IRGCR Datasheet HTML 8Page - Texas Instruments AFE7222IRGCR Datasheet HTML 9Page - Texas Instruments AFE7222IRGCR Datasheet HTML 10Page - Texas Instruments AFE7222IRGCR Datasheet HTML 11Page - Texas Instruments AFE7222IRGCR Datasheet HTML 12Page - Texas Instruments AFE7222IRGCR Datasheet HTML 13Page - Texas Instruments AFE7222IRGCR Datasheet HTML 14Page - Texas Instruments AFE7222IRGCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
AFE7222
AFE7225
www.ti.com
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
3.5
SUPPLY CHARACTERISTICS (Continued)
AVDD18_ADC=1.8V, DVDD18_CLK=1.8V, DVDD18=1.8V, DVDD18_DAC=1.8V, AVDD3_DAC=3.0V, AVDD3_AUX=3.0V,
IOUTFS=20mA, typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
AFE7222/AFE7225
POWER IN CMOS MODE
Dual RX ADC, Dual TX
DAC with Interpolate by 2,
CMOS interface
FADCCLK = 65 MSPS
UNIT
fADCIN = 10 MHz
FDACCLK = 130 MSPS
fDACOUT = 10 MHz
MIN
TYP
MAX
Global powerdown enabled
12
40
Power dissipation in Sleep modes
Fast recovery powerdown enabled, TX/RX sleeping, clocks on
140
165
mW
Fast recovery powerdown enabled, TX/RX sleeping, TX clock off, RX clock on.
120
165
Power Up and Power Down Time in Different Modes
Differential input clock
25
Global powerdown, RX recovery time
µs
Single-ended input clock
20
Global powerdown in Low power RX
Differential input clock
25
CMOS mode, RX recovery time (ADC
µs
Single-ended input clock
13
running at less than 40 MSPS)
Differential input clock
25
Global powerdown, TX recovery time
µs
Single-ended input clock
4
RX recovery time in fast recovery
RX clock is ON during powerdown
5
µs
mode
TX recovery time in fast recovery
4
µs
mode
RX recovery time from RX
RX clock is on during powerdown
5
µs
powerdown
TX recovery time fromTX powerdown
4
µs
Copyright © 2011–2012, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
11
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7222IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7222IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com