Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7222IRGCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7222IRGCR
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7222IRGCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE7222IRGCR Datasheet HTML 3Page - Texas Instruments AFE7222IRGCR Datasheet HTML 4Page - Texas Instruments AFE7222IRGCR Datasheet HTML 5Page - Texas Instruments AFE7222IRGCR Datasheet HTML 6Page - Texas Instruments AFE7222IRGCR Datasheet HTML 7Page - Texas Instruments AFE7222IRGCR Datasheet HTML 8Page - Texas Instruments AFE7222IRGCR Datasheet HTML 9Page - Texas Instruments AFE7222IRGCR Datasheet HTML 10Page - Texas Instruments AFE7222IRGCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
AFE7222
AFE7225
www.ti.com
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
Table 2-2. Pin Configuration: LVDS Input/Output Mode (continued)
PIN
DESCRIPTION
NO.
NAME
9
CLKINP
main clock input, positive side if differential mode, RX side if single-ended 2 clock mode
10
DVDD18_CLK
1.8V supply for Clocking circuit
11
AVDD3_DAC
3V supply for TX DACs
12
IOUTP_A_DAC
TX DAC channel A current output, positive (current sink DACs)
13
IOUTN_A_DAC
TX DAC channel A current output, negative (current sink DACs)
14
AVDD3_DAC
3V supply for TX DACs
15
IOUTP_B_DAC
TX DAC channel B current output, positive (current sink DACs)
16
IOUTN_B_DAC
TX DAC channel B current output, negative (current sink DACs)
17
AVDD3_DAC
3V supply for TX DACs
sets the TX DAC output current (resistor from pin to ground). Use 960 Ohm to set a full scale current of
18
BIASJ
20 mA.
19
DVDD18_DAC
1.8V DAC digital supply
20
AUXDAC_A
auxiliary DAC channel A output, current sourcing up to 7.5mA (SPI programmable)
21
AUXDAC_B
auxiliary DAC channel B output, current sourcing up to 7.5mA (SPI programmable)
22
AVDD3_AUX
3V supply for auxiliary ADC/DACs
23
AUXADC_A
auxiliary ADC channel A input
24
AUXADC_B
auxiliary ADC channel B input
25
AVDD18_ADC
1.8V supply for RX ADCs
26, 27
LVDS Wire 1 data input for Channel A TX data – inactive in 1-wire mode, LSB byte in 2-wire mode
26
DAC_DATA_11
Positive
27
DAC_DATA_10
Negative
28, 29
LVDS Wire 0 data input for Channel A TX data – active in 1-wire mode, MSB byte in 2-wire mode
28
DAC_DATA_9
Positive
29
DAC_DATA_8
Negative
30, 31
LVDS frame clock input
30
DAC_FCLKINP
Positive
31
DAC_FCLKINN
Negative
32
DVDD18
1.8V supply for digital interface
33, 34
LVDS bit clock input
33
DAC_DCLKINP
Positive
34
DAC_DCLKINN
Negative
35, 36
LVDS Wire 0 data input for Channel B TX data – active in 1-wire mode, LSB byte in 2-wire mode
35
DACB_DATA_0P
Positive
36
DACB_DATA_0N
Negative
37, 38
LVDS Wire 1 data input for Channel B TX data – inactive in 1-wire mode, MSB byte in 2-wire mode
37
DACB_DATA_1P
Positive
38
DACB_DATA_1N
Negative
39, 40
LVDS SYNC input – Used to reset internal clock dividers and reset TX data FIFO pointer
39
SYNCINP
Positive
40
SYNCINN
Negative
41
DVDD18
1.8V supply for digital interface
42, 43
LVDS Wire 1 data output for Channel B RX data – inactive in 1-wire mode, MSB byte in 2-wire mode
42
ADCB_DATA_1N
Positive
43
ADCB_DATA_1P
Negative
44, 45
LVDS Wire 0 data output for Channel B RX data – active in 1-wire mode, LSB byte in 2-wire mode
44
ADCB_DATA_0N
Positive
45
ADCB_DATA_0P
Negative
Copyright © 2011–2012, Texas Instruments Incorporated
DEVICE INFORMATION
7
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7222IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7222IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com