Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7222IRGCT Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7222IRGCT
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7222IRGCT Datasheet(HTML) 89 Page - Texas Instruments

Back Button AFE7222IRGCT Datasheet HTML 85Page - Texas Instruments AFE7222IRGCT Datasheet HTML 86Page - Texas Instruments AFE7222IRGCT Datasheet HTML 87Page - Texas Instruments AFE7222IRGCT Datasheet HTML 88Page - Texas Instruments AFE7222IRGCT Datasheet HTML 89Page - Texas Instruments AFE7222IRGCT Datasheet HTML 90Page - Texas Instruments AFE7222IRGCT Datasheet HTML 91Page - Texas Instruments AFE7222IRGCT Datasheet HTML 92Page - Texas Instruments AFE7222IRGCT Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
CLKINP
5 kW
VCM
5 kW
2 pF
20 W
20 W
Lpkg
~ 1 nH
Cbond
~ 1 pF
Lpkg
~ 1 nH
Cbond
~ 1 pF
Resr
~100 W
Resr
~
CLKINN
Differential Clock buffer
Ceq
Ceq
Ceq ~ 1 to 3 pF, equivalent input capacitance of differential
clock buffer
100 W
12-Bit
SAR ADC
AUXADC_A
AUXADC_B
Serializer
SDOUT
SCLK
SCLK
MODE_INPUT<1:0>
SHIGH
BYPASSZ_BUF
Input
Buffer
AFE7222
AFE7225
www.ti.com
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
Figure 10-14. Input Clock Equivalent Circuit
10.8 Auxiliary ADC
The schematic of the Auxiliary ADC is shown below.
Figure 10-15. Auxiliary ADC Schematic
The Auxiliary ADC comprises a 12-bit SAR ADC with a high impedance input buffer that is bypassed by
default (BYPASSZ_BUF=0). The Auxiliary ADC can select its input from 2 external pins called
AUXADC_A and AUXADC_B. This selection is done using the bits MODE_INPUT <1:0>. The conversion
is started by setting bit CONV_START to 1, and SCLK is used as the conversion clock. The SAR ADC
converts the selected input and the 12-bit output is serialized using the SCLK and given out on the
SDOUT pin. After setting CONV_START to 1, the Auxiliary ADC can be configured for either a single
conversion, multiple conversions or in continuous conversion mode.
With the input buffer bypassed, the input range of the Auxiliary ADC is 0-1.5V when RANGE_AUXADC is
set to 0. When the Auxiliary ADC is converting, the SAR ADC draws switching current from the input pin if
the input buffer is bypassed. This may not be desirable for applications where the voltage being monitored
does not have drive capability. With the input buffer introduced in the path of the input, the AUXADC
inputs are high impedance and do not draw current. However, the input voltage range (at the AUXADC
pins) is slightly reduced to 0.1-1.5V.
With RANGE_AUXADC set to 1, the input range is increased to 0-DVDD18 with the buffer bypassed and
0.1-(DVDD18-0.1)V with the buffer enabled.
Copyright © 2011–2012, Texas Instruments Incorporated
DIGITAL INTERFACE
89
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7222IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7222IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com