Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7225 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7225
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7225 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE7225 Datasheet HTML 12Page - Texas Instruments AFE7225 Datasheet HTML 13Page - Texas Instruments AFE7225 Datasheet HTML 14Page - Texas Instruments AFE7225 Datasheet HTML 15Page - Texas Instruments AFE7225 Datasheet HTML 16Page - Texas Instruments AFE7225 Datasheet HTML 17Page - Texas Instruments AFE7225 Datasheet HTML 18Page - Texas Instruments AFE7225 Datasheet HTML 19Page - Texas Instruments AFE7225 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
AFE7222
AFE7225
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
Typical values are at 25°C, AVDD3_DAC = 3.0 V, AVDD3_AUX = 3.0 V, AVDD18_ADC = 1.8 V, DVDD18_CLK = 1.8 V,
DVDD18_DAC = 1.8 V, DVDD18 = 1.8 V, sampling frequency = 125 MSPS, sine wave input clock, 1.5 Vpp clock amplitude,
CLOAD = 5 pF
(1), R
LOAD = 100 Ω
(2), unless otherwise noted. Min and max values are across the full temperature range T
MIN = -
40°C to TMAX = 85°C, AVDD3_DAC = 3.0 V, AVDD3_AUX = 3.0 V, AVDD18_ADC = 1.8 V, DVDD18_CLK = 1.8 V,
DVDD18_DAC = 1.8 V, DVDD18 = 1.7 V to 1.9 V
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
th
Data hold time (5)
Zero-crossing of CLKOUTP to data becoming invalid (5)
0.26
0.4
ns
Input clock rising edge cross-over to output clock rising edge
tPDI
Clock propagation delay
cross-over 10 MSPS
≤ Sampling frequency ≤ 65 MSPS Ts =
tPDI = 0.5*Ts + tDELAY
ns
1/Sampling frequency
tdelay
11.5
13.5
15.5
ns
Variation of tdelay
Between two devices at same temperature and DVDD18 supply
±300
ps
Duty cycle of differential clock, (CLKOUTP-CLKOUTM) 10
LVDS bit clock duty cycle
50%
MSPS
≤ Sampling frequency ≤ 65 MSPS
COMMON
Rise time measured from -100 mV to +100 mV Fall time
tRISE,
Data rise time, Data fall
measured from +100 mV to -100 mV 10 MSPS
≤ Sampling
0.08
ns
tFALL
time
frequency
≤ 125 MSPS
Rise time measured from -100 mV to +100 mV Fall time
tCLKRISE,
Output clock rise time,
measured from +100 mV to -100 mV 10 MSPS
≤ Sampling
0.1
ns
tCLKFALL
Output clock fall time
frequency
≤ 125 MSPS
CMOS OUTPUT INTERFACE (6), Sampling frequency = 105MSPS(7)
tsu
Data setup time (8)
Data valid to cross-over of ADC_DCLKOUT (8)
0.5
1.4
ns
th
Data hold time (8)
Cross-over of ADC_DCLKOUT to data becoming invalid (8)
1.4
1.8
ns
Input clock rising edge cross-over to output clock rising edge
tPDI
Clock propagation delay
cross-over 10 MSPS
≤ Sampling frequency ≤ 105 MSPS Ts =
tPDI = 0.5*Ts + tDELAY
ns
1/Sampling frequency
tdelay
14
16.5
19
ns
Variation of tdelay
Between two devices at same temperature and DVDD18 supply
±350
ps
Duty cycle of output clock, ADC_DCLKOUT 10 MSPS
Output clock duty cycle
46%
Sampling frequency
≤ 105 MSPS
Rise time measured from 20% to 80% of DVDD18 Fall time
tRISE,
Data rise time, Data fall
measured from 80% to 20% of DVDD18 1
≤ Sampling
0.76
ns
tFALL
time
frequency
≤ 105 MSPS
Rise time measured from 20% to 80% of DVDD18 Fall time
tCLKRISE,
Output clock rise time,
measured from 80% to 20% of DRVDD 1
≤ Sampling frequency
0.74
ns
tCLKFALL
Output clock fall time
≤ 105 MSPS
(6)
For Fs > 105 MSPS, it is recommended to use external clock for data capture and NOT the device output clock signal
(ADC_DCLKOUT).
(7)
For Fs > 65MSPS, CMOS output buffers strength is increased by writing serial register bits STR_CTRL<1:0> = '10'.
(8)
Data valid refers to LOGIC HIGH of 1.26 V and LOGIC LOW of 0.54 V.
16
ELECTRICAL SPECIFICATIONS
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7225 TI1-AFE7225 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com