Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7225 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7225
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7225 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE7225 Datasheet HTML 5Page - Texas Instruments AFE7225 Datasheet HTML 6Page - Texas Instruments AFE7225 Datasheet HTML 7Page - Texas Instruments AFE7225 Datasheet HTML 8Page - Texas Instruments AFE7225 Datasheet HTML 9Page - Texas Instruments AFE7225 Datasheet HTML 10Page - Texas Instruments AFE7225 Datasheet HTML 11Page - Texas Instruments AFE7225 Datasheet HTML 12Page - Texas Instruments AFE7225 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
AFE7222
AFE7225
www.ti.com
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
3
ELECTRICAL SPECIFICATIONS
3.1
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage range, *VDD3*
–0.3
3.6
V
Supply voltage range, *VDD18*
–0.3
2.1
V
Voltage betweeen *VDD3* to *VDD18*
–2.4
3.9
V
INP_A_ADC, INM_A_ADC, INP_B_ADC, INM_B_ADC, AUXADC_A, AUXADC_B, CLKINN, CLKINP
–0.3
2.1
V
RESET, SCLK, SDATA SEN
–0.3
3.9
V
DAC*_DATA_nP/M, DAC_DCLK
–0.3
2.1
V
TA
Operating free-air temperature range
–40
85
°C
TJ
Operating junction tamperature range
125
°C
Tstg
Storage temperature range
–65
150
°C
ESD rating Human Body Model (HBM)
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
3.2
THERMAL INFORMATION
AFE7222/AFE7225
THERMAL METRIC
RGC PACKAGE
UNITS
64 PINS
θJA
Junction-to-ambient thermal resistance
22.8
θJCtop
Junction-to-case (top) thermal resistance
6.7
θJB
Junction-to-board thermal resistance
2.3
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
2.2
θJCbot
Junction-to-case (bottom) thermal resistance
0.2
3.3
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
AFE7222
AFE7225
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DVDD18 voltage range
1.7
1.8
1.9
1.7
1.8
1.9
V
AVDD3 voltage range
2.85
3.0
3.6
2.85
3.0
3.6
V
Common mode voltage at
VCM-0.05
VCM
VCM+0.05
VCM–0.05
VCM
VCM+0.05
V
ADC input pins
Common mode voltage at
AVDD3
AVDD3
V
DAC output pins
ADC_CLK speed(1)
2.5(2)
65
2.5(2)
125
MSPS
DAC_CLK speed(1)
1
130
1
250
MSPS
(1)
See Table 10-1 and Table 10-2 for corresponding maximum interface rates.
(2)
Minimum ADC_CLK speed can be reduced to 0.8 MSPS by writing the following serial interface registers:
Register address 0x208, value 0x8
Register address 0x4, value 0x8
Copyright © 2011–2012, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
9
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7225 TI1-AFE7225 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com