Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7225 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7225
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7225 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE7225 Datasheet HTML 18Page - Texas Instruments AFE7225 Datasheet HTML 19Page - Texas Instruments AFE7225 Datasheet HTML 20Page - Texas Instruments AFE7225 Datasheet HTML 21Page - Texas Instruments AFE7225 Datasheet HTML 22Page - Texas Instruments AFE7225 Datasheet HTML 23Page - Texas Instruments AFE7225 Datasheet HTML 24Page - Texas Instruments AFE7225 Datasheet HTML 25Page - Texas Instruments AFE7225 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
INP_A_ADC
12b
RX ADC B
12b
TX DAC A
12b
TX DAC B
IOUTP_A_DAC
12b
RX ADC A
INN_A_ADC
INP_B_ADC
INN_B_ADC
IOUTN_A_DAC
IOUTP_B_DAC
IOUTN_B_DAC
12-bit ADC
Output
12-bit DAC
Input
AFE7222
AFE7225
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
Register Name – CONFIG1 – Address 0x104, Default = 0x10
<7>
<6>
<5>
<4>
<3>
<2>
<1>
<0>
MASK_2_AWAY_DET
TX_CHB_8_IP_EN
TX_CHA_8_IP_EN
TX_CHA_8_IP_EN – Enable the 8- sample mode FIFO mode for Channel A . The 8 samples written into
the regs 0x11F to 0x12E are repeatedly cycled through, and sent to the DAC A. This is a useful diagnostic
mode.
TX_CHB_8_IP_EN – Enable the 8- sample mode FIFO mode for Channel B . The 8 samples written into
the regs 0x12F to 0x13E are repeatedly cycled through, and sent to the DAC B.
MASK_2_AWAY_DET – Refer CONFIG58 for a description of the collision condition in the FIFO. Setting
the MASK_2_AWAY_DET prevents the 2-away condition from triggering collision detection. If collision
detection is enabled, and 2-away condition occurs, the output samples will be forced to DAC mid code,
unless MASK_2_AWAY_DET is set.
Register Name – CONFIG2 – Address 0x105, Default = 0x00
<7>
<6>
<5>
<4>
<3>
<2>
<1>
<0>
STORE_FIFO_PTRS
RX_TX_LPBK_SRC
RX_TX_LPBK
STORE_FIFO_PTRS – When set , the FIFO Read and Write pointers are written into the register 0x141 at
the rate of the divided DAC_CLK. The pointers are no longer written to the serial interface regs when
Register readout is enabled.
RX_TX_LPBK – When this bit and RX_TX_LPBK_SRC are both set , the input to the TX signal chain is
tapped from the the final output of the RX signal chain. As is obvious, the ADC_CLK and DAC_CLK rates
should be the same when using this mode.
RX_TX_LPBK_SRC – When this bit and RX_TX_LPBK are both set , the input to the TX signal chain is
tapped from the the final output of the RX signal chain
The RX to TX loopback is shown below. The dotted arrows illustrate the loopback path.
Note that though the data going into the TX digital signal chain is looped back internally from the RX
Digital signal chain, it is still required to give an active DAC_DCLKIN in this mode because the Tx FIFO
requires it for proper data transfer.
Figure 5-2. Loopback
22
REGISTER DESCRIPTIONS
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7225 TI1-AFE7225 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com