Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7887M Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS7887M
Description  10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7887M Datasheet(HTML) 4 Page - Texas Instruments

  ADS7887M Datasheet HTML 1Page - Texas Instruments ADS7887M Datasheet HTML 2Page - Texas Instruments ADS7887M Datasheet HTML 3Page - Texas Instruments ADS7887M Datasheet HTML 4Page - Texas Instruments ADS7887M Datasheet HTML 5Page - Texas Instruments ADS7887M Datasheet HTML 6Page - Texas Instruments ADS7887M Datasheet HTML 7Page - Texas Instruments ADS7887M Datasheet HTML 8Page - Texas Instruments ADS7887M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADS7887M
SLAS750A
– JUNE 2011 – REVISED JUNE 2011
www.ti.com
ELECTRICAL SPECIFICATIONS (continued)
+VDD = 2.35 V to 5.25 V, TA = –55°C to 125°C, fsample = 1.25 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
5.5
7.5
Power dissipation in static state
mW
VDD = 3 V
3
4.5
Power down time
0.1
µs
Power up time
0.8
µs
Invalid conversions after power up
1
TEMPERATURE RANGE
Specified performance
–55
125
°C
TIMING REQUIREMENTS (see Figure 1)
All specifications typical at TA = –55°C to 125°C, VDD = 2.35 V to 5.25 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VDD = 3 V
14
× tSCLK
tconv
Conversion time
ns
VDD = 5 V
14
× tSCLK
VDD = 3 V
40
Minimum quiet time needed from bus 3-state to start of
tq
ns
next conversion
VDD = 5 V
40
VDD = 3 V
15
25
td1
Delay time, CS low to first data (0) out
ns
VDD = 5 V
13
25
VDD = 3 V
10
tsu1
Setup time, CS low to SCLK low
ns
VDD = 5 V
10
VDD = 3 V
15
25
td2
Delay time, SCLK falling to SDO
ns
VDD = 5 V
13
25
VDD < 3 V
7
th1
Hold time, SCLK falling to data valid(2)
ns
VDD > 5 V
5.5
VDD = 3 V
10
25
td3
Delay time, 16th SCLK falling edge to SDO 3-state
ns
VDD = 5 V
8
20
VDD = 3 V
25
40
tw1
Pulse duration, CS
ns
VDD = 5 V
25
40
VDD = 3 V
17
30
td4
Delay time, CS high to SDO 3-state
ns
VDD = 5 V
15
25
VDD = 3 V
0.4
× tSCLK
twH
Pulse duration, SCLK high
ns
VDD = 5 V
0.4
× tSCLK
VDD = 3 V
0.4
× tSCLK
twL
Pulse duration, SCLK low
ns
VDD = 5 V
0.4
× tSCLK
VDD = 3 V
25
Frequency, SCLK
MHz
VDD = 5 V
25
Delay time, second falling edge of clock and CS to
VDD = 3 V
-2
5
td5
enter in powerdown (use minimum specification to
ns
VDD = 5 V
-2
5
avoid accidently entering powerdown) Figure 2
Delay time, CS and 10th falling edge of clock to enter in VDD = 3 V
2
-5
td6
powerdown (use maximum specification to avoid
ns
VDD = 5 V
2
-5
accidently entering powerdown) Figure 2
(1)
3-V Specifications apply from 2.35 V to 3.6 V, and 5-V specifications apply from 4.75 V to 5.25 V.
(2)
With 50-pf load.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS7887M


Similar Part No. - ADS7887M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887MDBVT TI1-ADS7887MDBVT Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7887M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com