Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7841-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7841-Q1
Description  12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7841-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7841-Q1 Datasheet HTML 1Page - Texas Instruments ADS7841-Q1 Datasheet HTML 2Page - Texas Instruments ADS7841-Q1 Datasheet HTML 3Page - Texas Instruments ADS7841-Q1 Datasheet HTML 4Page - Texas Instruments ADS7841-Q1 Datasheet HTML 5Page - Texas Instruments ADS7841-Q1 Datasheet HTML 6Page - Texas Instruments ADS7841-Q1 Datasheet HTML 7Page - Texas Instruments ADS7841-Q1 Datasheet HTML 8Page - Texas Instruments ADS7841-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADS7841-Q1
www.ti.com
SBAS469B
– MARCH 2009 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
VCC = 2.7 V, VREF = 2.5 V, fSAMPLE = 125 kHz, fCLK = 16 × fSAMPLE = 2 MHz, over operating temperature –40°C to 85°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
CI
Input capacitance
25
pF
Ileak
Leakage current
±1
μA
System Performance
Resolution
12
bits
No missing codes
12
bits
INL
Integral linearity error
±2 LSB(1)
DNL
Differential linearity error
±0.8
LSB
Offset error
±3
LSB
Offset error match
0.15
1
LSB
Gain error
±4
LSB
Gain error match
0.1
1
LSB
Vn
Noise
30
μVrms
PSRR
Power-supply ripple rejection
70
dB
Sampling Dynamics
CLK
tconv
Conversion time
12
cycles
CLK
tacq
Acquisition time
3
cycles
Throughput rate
125
kHz
tsettle
Multiplexer settling time
500
ns
td
Aperture delay
30
ns
tjitter
Aperture jitter
100
ps
Dynamic Characteristics
THD
Total harmonic distortion(2)
VIN = 2.5 Vp-p at 10 kHz
–77
–72
dB
SINAD
Signal to noise + distortion ratio
VIN = 2.5 Vp-p at 10 kHz
68
71
dB
Spurious-free dynamic range
VIN = 2.5 Vp-p at 10 kHz
72
78
dB
Channel-to-channel isolation
VIN = 2.5 Vp-p at 50 kHz
100
dB
Reference Input
RI
Resistance
DCLK static
5
G
13
40
II
Input current
fSAMPLE = 12.5 kHz
2.5
μA
DCLK static
0.001
3
Digital Input/Output
VOH
High-level output voltage
IOH = –250 μA
0.8 VCC
V
VOL
Low-level output voltage
IOL = 250 μA
0.4
V
Power Supply
280
650
IQ
Quiescent current
fSAMPLE = 12.5 kHz
220
μA
Power-down mode(3), CS = VCC
3
(1)
LSB = least significant bit. With VREF = 2.5 V, one LSB is 0.61 mV.
(2)
First five harmonics of the test frequency
(3)
Auto power-down mode (PD1 = PD0 = 0) active or SHDN = GND
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS7841-Q1


Similar Part No. - ADS7841-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841 TI-ADS7841 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841 TI1-ADS7841 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7841E BURR-BROWN-ADS7841E Datasheet
277Kb / 14P
   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841E TI-ADS7841E Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7841-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com