Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SL74HC597 Datasheet(PDF) 5 Page - System Logic Semiconductor

Part No. SL74HC597
Description  8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch(High-Performance Silicon-Gate CMOS)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLS [System Logic Semiconductor]
Homepage  http://www.slsemicon.co.kr/e_index.htm
Logo 

SL74HC597 Datasheet(HTML) 5 Page - System Logic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SL74HC597
System Logic
Semiconductor
SLS
TIMING REQUIREMENTS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Parallel Data
Inputs A -H to Latch Clock
(Figure 5)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tsu
Minimum Setup Time, Serial Data
Input SA to Shift Clock (Figure 6)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tsu
Minimum Setup Time, Serial
Shift/Parallel Load to Shift Clock
(Figure 7)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
th
Minimum Hold Time, Latch Clock to
Parallel Data Inputs A-H
(Figure 5)
2.0
4.5
6.0
25
5
5
30
6
6
40
8
7
ns
th
Minimum Hold Time, Shift Clock to
Serial Data Input SA (Figure 6)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
trec
Minimum Recovery Time, Reset
Inactive to Shift Clock (Figure 3)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tw
Minimum Pulse Width, Latch Clock
and Shift Clock (Figures 1 and 2)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tw
Minimum Pulse Width, Reset (Figure
3)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tw
Minimum Pulse Width, Serial
Shift/Parallel Load (Figure 4)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn