Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1191 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1191
Description  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1191 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1191 Datasheet HTML 6Page - Texas Instruments ADS1191 Datasheet HTML 7Page - Texas Instruments ADS1191 Datasheet HTML 8Page - Texas Instruments ADS1191 Datasheet HTML 9Page - Texas Instruments ADS1191 Datasheet HTML 10Page - Texas Instruments ADS1191 Datasheet HTML 11Page - Texas Instruments ADS1191 Datasheet HTML 12Page - Texas Instruments ADS1191 Datasheet HTML 13Page - Texas Instruments ADS1191 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
ADS1191
ADS1192
SBAS566
– DECEMBER 2011
www.ti.com
PIN ASSIGNMENTS
NAME
TERMINAL
FUNCTION
DESCRIPTION
AVDD
12
Supply
Analog supply
AVSS
13
Supply
Analog ground
CS
18
Digital input
Chip select
CLK
17
Digital input
Master clock input
CLKSEL
14
Digital input
Master clock select
DGND
24
Supply
Digital ground
DIN
19
Digital input
SPI data in
DOUT
21
Digital output
SPI data out
DRDY
22
Digital output
Data ready; active low
DVDD
23
Supply
Digital power supply
GPIO1/RCLK1
26
Digital input/output
GPIO1
GPIO2/RCLK2
25
Digital input/output
GPIO2
IN1N(1)
3
Analog input
Differential analog negative input 1
IN1P(1)
4
Analog input
Differential analog positive input 1
IN2N(1)
5
Analog input
Differential analog negative input 2
IN2P(1)
6
Analog input
Differential analog positive input 2
PGA1N
1
Analog output
Differential analog negative output 1
PGA1P
2
Analog output
Differential analog positive output 1
PGA2N
7
Analog output
Differential analog negative output 2
PGA2P
8
Analog output
Differential analog positive output 2
PWDN/RESET
15
Digital input
Power-down/System reset; active low
RLDIN/RLDREF
29
Analog input
Right leg drive input to MUX/RLD reference
RLDINV
28
Analog input
Right leg drive inverting input
RLDOUT
30
Analog input
Right leg drive output
IN3N(1)
32
Analog input/output
Differential analog negative input 3
IN3P(1)
31
Analog input/output
Differential analog positive input 3
SCLK
20
Digital input
SPI clock
START
16
Digital input
Start conversion
VCAP1
11
Analog bypass capacitor
VCAP2
27
Analog bypass capacitor
VREFN
10
Analog input
Negative reference voltage
VREFP
9
Analog input/output
Positive reference voltage
(1)
Excludes effects of noise, linearity, offset, and gain error.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1191 ADS1192


Similar Part No. - ADS1191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1191 TI1-ADS1191 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBSR TI1-ADS1191IPBSR Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBSR TI1-ADS1191IPBSR Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com