Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2066UFDE Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP2066UFDE
Description  25V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2066UFDE Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP2066UFDE Datasheet HTML 1Page - Diodes Incorporated DMP2066UFDE Datasheet HTML 2Page - Diodes Incorporated DMP2066UFDE Datasheet HTML 3Page - Diodes Incorporated DMP2066UFDE Datasheet HTML 4Page - Diodes Incorporated DMP2066UFDE Datasheet HTML 5Page - Diodes Incorporated DMP2066UFDE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DMP2066UFDE
Document number: DS35496 Rev. 5 - 2
6 of 6
www.diodes.com
July 2012
© Diodes Incorporated
DMP2066UFDE
Suggested Pad Layout
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2012, Diodes Incorporated
www.diodes.com
Dimensions
Value
(in mm)
C
0.650
X
0.400
X1
0.285
X2
1.050
Y
0.500
Y1
0.920
Y2
1.600
Y3
2.300
X1
Y3
X (6x)
C
X2
Y1
Y2
Y (2x)


Similar Part No. - DMP2066UFDE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2066UFDE DIODES-DMP2066UFDE_15 Datasheet
214Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2066UFDE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2039UFDE4 DIODES-DMP2039UFDE4_15 Datasheet
205Kb / 6P
   25V P-CHANNEL ENHANCEMENT MODE MOSFET
DMG302PU DIODES-DMG302PU_15 Datasheet
290Kb / 6P
   25V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2039UFDE4 DIODES-DMP2039UFDE4 Datasheet
205Kb / 6P
   25V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP213DUFA DIODES-DMP213DUFA_15 Datasheet
276Kb / 6P
   25V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
   25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Pan Jit International I...
PJD09N03 PANJIT-PJD09N03 Datasheet
142Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com