Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ACT11651 Datasheet(PDF) 6 Page - Texas Instruments

Part No. 74ACT11651
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

74ACT11651 Datasheet(HTML) 6 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74ACT11651
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS134 − D3445, MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
90
90
MHz
tPLH
A or B
B or A
2.6
5.6
8.9
2.6
9.9
ns
tPHL
A or B
B or A
4.7
7.7
10.7
4.7
11.9
ns
tPLH
CBA or CAB
A or B
5.5
8.4
11.2
5.5
12.7
ns
tPHL
CBA or CAB
A or B
6.3
9.5
12.7
6.3
14.1
ns
tPLH
SBA or SAB†
A or B
4.8
7.6
10.4
4.8
11.8
ns
tPHL
SBA or SAB†
with A or B high
A or B
4.1
7.7
11.2
4.1
12.4
ns
tPLH
SBA or SAB†
A or B
3
6.2
9.3
3
10.4
ns
tPHL
SBA or SAB†
with A or B low
A or B
5.6
8.7
11.7
5.6
13
ns
tPZH
GBA
A
4
7.4
10.7
4
11.9
ns
tPZL
GBA
A
4.3
8.2
11.9
4.3
13.3
ns
tPHZ
GBA
A
5.9
7.7
9.5
5.9
10
ns
tPLZ
GBA
A
5.1
6.9
8.7
5.1
9.2
ns
tPZH
GAB
B
5.9
9
12.1
5.9
13.7
ns
tPZL
GAB
B
6.4
9.8
13.2
6.4
14.9
ns
tPHZ
GAB
B
4.7
7.1
9.5
4.7
10
ns
tPLZ
GAB
B
3.8
6.1
8.4
3.8
8.8
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
Outputs enabled
CL = 50 pF,
f = 1 MHz
61
pF
Cpd
Power dissipation capacitance per gate
Outputs disabled
CL = 50 pF,
f = 1 MHz
15
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn