Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL74HC4052 Datasheet(PDF) 5 Page - System Logic Semiconductor

Part No. SL74HC4052
Description  Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC4052 Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL74HC4052 Datasheet HTML 1Page - System Logic Semiconductor SL74HC4052 Datasheet HTML 2Page - System Logic Semiconductor SL74HC4052 Datasheet HTML 3Page - System Logic Semiconductor SL74HC4052 Datasheet HTML 4Page - System Logic Semiconductor SL74HC4052 Datasheet HTML 5Page - System Logic Semiconductor SL74HC4052 Datasheet HTML 6Page - System Logic Semiconductor SL74HC4052 Datasheet HTML 7Page - System Logic Semiconductor SL74HC4052 Datasheet HTML 8Page - System Logic Semiconductor SL74HC4052 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SL74HC4052
System Logic
Semiconductor
SLS
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0.0 V)
VCC
VEE
Limit
*
Symbol
Parameter
Test Conditions
V
V
25
°C
Unit
BW
Maximum On-
Channel
Bandwidth or
Minimum
Frequency
Response
(Figure 5)
fin=1 MHz Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VOS
Increase fin Frequence Until dB Meter
Reads -3 dB
RL =50
Ω, C
L=10 pF
2.25
4.50
6.00
-2.25
-4.50
-6.00
95
95
95
MHz
-
Off-Channel
Feedthrough
Isolation
(Figure 6)
fin= Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL =600
Ω, C
L=50 pF
2.25
4.50
6.00
-2.25
-4.50
-6.00
-50
-50
-50
dB
fin = 1.0 MHz, RL =50
Ω, C
L=10 pF
2.25
4.50
6.00
-2.25
-4.50
-6.00
-40
-40
-40
-
Feedthrough
Noise, Channel
Select Input to
Common O/I
(Figure 7)
VIN
≤ 1 MHz Square Wave (t
r = tf = 6 ns)
Adjust RL at Setup so that IS= 0 A Enable =
GND
RL =600
Ω, C
L=50 pF
2.25
4.50
6.00
-2.25
-4.50
-6.00
25
105
135
mVpp
RL =10
Ω, C
L=10 pF
2.25
4.50
6.00
-2.25
-4.50
-6.00
35
145
190
-
Crosstalk
Between Any
Two Switches
(Figure 14)
fin= Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL =600
Ω, C
L=50 pF
2.25
4.50
6.00
-2.25
-4.50
-6.00
-50
-50
-50
dB
fin = 1 MHz, RL =50
Ω, C
L=10 pF
2.25
4.50
6.00
-2.25
-4.50
-6.00
-60
-60
-60
THD
Total Harmonic
Distortion
(Figure 16)
fin= 1 kHz, RL =10 k
Ω, C
L=50 pF
THD = THDMeasured - THDSource
VIS =4.0 VPP sine wave
VIS =8.0 VPP sine wave
VIS =11.0 VPP sine wave
2.25
4.50
6.00
-2.25
-4.50
-6.00
0.10
0.08
0.05
%
* Limits not tested. Determined by design and verified by qualification.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn