Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11151DR Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT11151DR
Description  1-OF-8 DATA SELECTOR/MULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11151DR Datasheet(HTML) 5 Page - Texas Instruments

  74ACT11151DR Datasheet HTML 1Page - Texas Instruments 74ACT11151DR Datasheet HTML 2Page - Texas Instruments 74ACT11151DR Datasheet HTML 3Page - Texas Instruments 74ACT11151DR Datasheet HTML 4Page - Texas Instruments 74ACT11151DR Datasheet HTML 5Page - Texas Instruments 74ACT11151DR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ACT11151D
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
74ACT11151DR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
74ACT11151DR
OBSOLETE
SOIC
D
16
TBD
Call TI
Call TI
74ACT11151N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
74ACT11151N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jun-2005
Addendum-Page 1


Similar Part No. - 74ACT11151DR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11153 PHILIPS-74ACT11153 Datasheet
152Kb / 6P
   DUAL 4 INPUT MULTIPLEXER
October 17 1990
logo
Texas Instruments
74ACT11153 TI1-74ACT11153 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 1 OF 4 DATA SELECTOR/MULTIPLEXER
logo
NXP Semiconductors
74ACT11153D PHILIPS-74ACT11153D Datasheet
152Kb / 6P
   DUAL 4 INPUT MULTIPLEXER
October 17 1990
logo
Texas Instruments
74ACT11153DR TI1-74ACT11153DR Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 1 OF 4 DATA SELECTOR/MULTIPLEXER
logo
NXP Semiconductors
74ACT11153N PHILIPS-74ACT11153N Datasheet
152Kb / 6P
   DUAL 4 INPUT MULTIPLEXER
October 17 1990
More results

Similar Description - 74ACT11151DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74LS152 RENESAS-HD74LS152 Datasheet
157Kb / 6P
   1-of-8 Data Selector / Multiplexer
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com