Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC11874 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74AC11874
Description  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11874 Datasheet(HTML) 3 Page - Texas Instruments

  74AC11874 Datasheet HTML 1Page - Texas Instruments 74AC11874 Datasheet HTML 2Page - Texas Instruments 74AC11874 Datasheet HTML 3Page - Texas Instruments 74AC11874 Datasheet HTML 4Page - Texas Instruments 74AC11874 Datasheet HTML 5Page - Texas Instruments 74AC11874 Datasheet HTML 6Page - Texas Instruments 74AC11874 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74AC11874
DUAL 4BIT DTYPE EDGETRIGGERED FLIPFLOP
WITH 3STATE OUTPUTS
SCAS236 − MARCH 1990 − REVISED APRIL 1993
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
V
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
−4
IOH
High-level output current
VCC = 4.5 V
−24
mA
IOH
High-level output current
VCC = 5.5 V
−24
mA
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
IOL
Low-level output current
VCC = 5.5 V
24
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
−40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = − 50 µA
4.5 V
4.4
4.4
IOH = − 50 µA
5.5 V
5.4
5.4
VOH
IOH = − 4 mA
3 V
2.58
2.48
V
VOH
IOH = − 24 mA
4.5 V
3.94
3.8
V
IOH = − 24 mA
5.5 V
4.94
4.8
IOH = − 75 mA†
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
Ci
VI = VCC or GND
5 V
4.5
pF
Co
VO = VCC or GND
5 V
13.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.


Similar Part No. - 74AC11874

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11873 TI1-74AC11873 Datasheet
111Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AC11873D PHILIPS-74AC11873D Datasheet
337Kb / 12P
   SIGNETICS
October 17 1990
logo
Texas Instruments
74AC11873DW TI1-74AC11873DW Datasheet
111Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AC11873N PHILIPS-74AC11873N Datasheet
337Kb / 12P
   SIGNETICS
October 17 1990
logo
Texas Instruments
74AC11873NT TI1-74AC11873NT Datasheet
111Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11874

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS874B FAIRCHILD-DM74ALS874B Datasheet
56Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS874B FAIRCHILD-DM74ALS874B_01 Datasheet
62Kb / 6P
   Dual 4-Bit D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com