Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSLV1D476M Datasheet(PDF) 7 Page - NEC

Part # PSLV1D476M
Description  PL/L Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PSLV1D476M Datasheet(HTML) 7 Page - NEC

  PSLV1D476M Datasheet HTML 1Page - NEC PSLV1D476M Datasheet HTML 2Page - NEC PSLV1D476M Datasheet HTML 3Page - NEC PSLV1D476M Datasheet HTML 4Page - NEC PSLV1D476M Datasheet HTML 5Page - NEC PSLV1D476M Datasheet HTML 6Page - NEC PSLV1D476M Datasheet HTML 7Page - NEC PSLV1D476M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
PS/L Series
16
6.3
68
C2
PSLC20J686M
42.8
9
55
1279
9
14
±20%
±20%
68
C
PSLC0J686M
42.8
9
100
1049
9
14
±20%
±20%
100
A
PSLA0J107M(70)
63
8
70
1035
8
12
±20%
±20%
100
A
PSLA0J107M(45)
63
8
45
1300
8
12
±20%
±20%
100
A
PSLA0J107M(35)
63
8
35
1500
8
12
±20%
±20%
100
B2
PSLB20J107M
63
8
70
1102
8
12
±20%
±20%
100
B2
PSLB20J107M(45)
63
8
45
1374
8
12
±20%
±20%
100
B2
PSLB20J107M(35)
63
8
35
1558
8
12
±20%
±20%
100
B2
PSLB20J107M(25)
63
8
25
1844
8
12
±20%
±20%
100
C2
PSLC20J107M
63
9
70
1134
9
14
±20%
±20%
100
C2
PSLC20J107M(55)
63
9
55
1279
9
14
±20%
±20%
100
C
PSLC0J107M
63
9
100
1049
9
14
±20%
±20%
100
C
PSLC0J107M(55)
63
9
55
1414
9
14
±20%
±20%
100
V
PSLV0J107M(18)
63
10
18
2635
10
15
±20%
±20%
100
V
PSLV0J107M(15)
63
10
15
2887
10
15
±20%
±20%
150
B15
PSLB150J157M(70)
94.5
10
70
1069
10
15
±20%
±20%
150
B15
PSLB150J157M(35)
94.5
10
35
1512
10
15
±20%
±20%
150
B2
PSLB20J157M
94.5
8
45
1374
8
12
±20%
±20%
150
B2
PSLB20J157M(35)
94.5
8
35
1558
8
12
±20%
±20%
150
B2
PSLB20J157M(25)
94.5
8
25
1844
8
12
±20%
±20%
150
C2
PSLC20J157M
94.5
9
55
1279
9
14
±20%
±20%
150
C
PSLC0J157M
94.5
9
100
1049
9
14
±20%
±20%
150
C
PSLC0J157M(55)
94.5
9
55
1414
9
14
±20%
±20%
150
C
PSLC0J157M(45)
94.5
9
45
1563
9
14
±20%
±20%
150
C
PSLC0J157M(25)
94.5
9
25
2098
9
14
±20%
±20%
150
V
PSLV0J157M
94.5
10
45
1667
10
15
±20%
±20%
150
V
PSLV0J157M(25)
94.5
10
25
2236
10
15
±20%
±20%
150
V
PSLV0J157M(18)
94.5
10
18
2635
10
15
±20%
±20%
150
V
PSLV0J157M(15)
94.5
10
15
2887
10
15
±20%
±20%
150
V
PSLV0J157M(12)
94.5
10
12
3227
10
15
±20%
±20%
150
D
PSLD0J157M
94.5
10
55
1651
10
15
±20%
±20%
150
D
PSLD0J157M(40)
94.5
10
40
1936
10
15
±20%
±20%
150
D
PSLD0J157M(25)
94.5
10
25
2449
10
15
±20%
±20%
220
B2
PSLB20J227M(45)
138.6
8
45
1374
8
12
±20%
±20%
220
B2
PSLB20J227M(35)
138.6
8
35
1558
8
12
±20%
±20%
220
B2
PSLB20J227M(25)
138.6
8
25
1844
8
12
±20%
±20%
220
V
PSLV0J227M
138.6
10
45
1667
10
15
±20%
±20%
220
V
PSLV0J227M(25)
138.6
10
25
2236
10
15
±20%
±20%
220
V
PSLV0J227M(15)
138.6
10
15
2887
10
15
±20%
±20%
220
V
PSLV0J227M(12)
138.6
10
12
3227
10
15
±20%
±20%
220
D
PSLD0J227M
138.6
10
55
1651
10
15
±20%
±20%
220
D
PSLD0J227M(40)
138.6
10
40
1936
10
15
±20%
±20%
220
D
PSLD0J227M(25)
138.6
10
25
2449
10
15
±20%
±20%
330
V
PSLV0J337M
207.9
10
45
1667
10
15
±20%
±20%
330
V
PSLV0J337M(25)
207.9
10
25
2236
10
15
±20%
±20%
330
D
PSLD0J337M
207.9
10
40
1936
10
15
±20%
±20%
330
D
PSLD0J337M(25)
207.9
10
25
2449
10
15
±20%
±20%
330
D
PSLD0J337M(18)
207.9
10
18
2887
10
15
±20%
±20%
10
2.2
J
PSLJ1A225M
10
4
500
141
4
6
±20%
±20%
3.3
J
PSLJ1A335M
10
6
500
141
6
6
±20%
±20%
3.3
A
PSLA1A335M
3.3
6
300
500
6
9
±20%
±20%
4.7
J
PSLJ1A475M
10
6
500
141
6
6
±20%
±20%
4.7
A2
PSLA21A475M
4.7
6
300
447
6
9
±20%
±20%
4.7
A
PSLA1A475M
4.7
6
300
500
6
9
±20%
±20%
6.8
A2
PSLA21A685M
6.8
6
300
447
6
9
±20%
±20%
6.8
A
PSLA1A685M
6.8
6
300
500
6
9
±20%
±20%
6.8
B2
PSLB21A685M
6.8
8
200
652
8
12
±20%
±20%
10
P
PSLP1A106M
10
6
200
354
6
9
±20%
±20%
10
A2
PSLA21A106M
10
6
200
548
6
9
±20%
±20%
10
A
PSLA1A106M
10
6
200
612
6
9
±20%
±20%
10
B2
PSLB21A106M
10
8
200
652
8
12
±20%
±20%
15
A
PSLA1A156M
15
6
180
645
6
9
±20%
±20%
15
B2
PSLB21A156M
15
8
150
753
8
12
±20%
±20%
Capacitance
Voltage
(V)
Case
Code
Part
Number
(Bulk)
Leakage
Current
( F)
( A)
DF
(%)
(m )
ESR
Permissible
Ripple
Current
(mA rms.)
Rated
Capacitance Change
+105℃
at Endurance
Soldering Heat
at Resistance to
at Surge Voltage
Max
Max
Max
DF (%) Max
-55℃
*1
*1: Measure frequency
z: 300kHz, none: 100 kHz


Similar Part No. - PSLV1D476M

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSLV1D476M

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
SDKC-59-533 WINCHESTER-SDKC-59-533 Datasheet
52Kb / 1P
   PL, ANG, BNC
SD2065-1-9 WINCHESTER-SD2065-1-9 Datasheet
60Kb / 1P
   PL, 75 BNC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com