Electronic Components Datasheet Search |
|
SSB64-100 Datasheet(PDF) 75 Page - NEC |
|
SSB64-100 Datasheet(HTML) 75 Page - NEC |
75 / 104 page Power Inductors VOL.10 75 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type 5.7 max. Shape and Dimensions 0.01 0.1 1 1000 100 10 1 10 Frequency (MHz) Measuring instrument: HP 4285 LCR meter (10kHz, 1mA) Example H LI-0505-432 Impedance vs. Frequency 0 6.0 5.0 4.0 3.0 2.0 1.0 0 50 100 150 Idc (mA) Measuring instrument: HP 4284 LCR meter (160kHz, 500mV) H LI-0505-202 H LI-0505-432 H LI-0505-502 DC-Superposed Characteristics [mm] land terminal 3.3 5.3 6.4 2.3 Recommended Land Pattern [mm] H ・LI-0505-202 2.0 20% 10 100 H ・LI-0505-432 4.3 20% 18 70 H ・LI-0505-502 5.0 20% 20 40 ●Operating temperature range: −20 to +105℃ (Including self-temperature rise) Model Inductance at 160kHz,500mV (mH) DC resistance (Ω)max. Rated current (mA) High Inductance Type SMD Inductors H ・LI Series [RoHS Compliant] High Inductance Type SMD Inductors H ・LI Series [RoHS Compliant] |
Similar Part No. - SSB64-100 |
|
Similar Description - SSB64-100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |